Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51163DRCT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51163DRCT
Description  SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51163DRCT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS51163DRCT Datasheet HTML 6Page - Texas Instruments TPS51163DRCT Datasheet HTML 7Page - Texas Instruments TPS51163DRCT Datasheet HTML 8Page - Texas Instruments TPS51163DRCT Datasheet HTML 9Page - Texas Instruments TPS51163DRCT Datasheet HTML 10Page - Texas Instruments TPS51163DRCT Datasheet HTML 11Page - Texas Instruments TPS51163DRCT Datasheet HTML 12Page - Texas Instruments TPS51163DRCT Datasheet HTML 13Page - Texas Instruments TPS51163DRCT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
OVERCURRENT PROTECTION
( )
RIPPLE
OC
LDS on
OCSET
I
R
I
2
R
10 A
æ
ö
´
-
ç
÷
è
ø
=
m
(1)
OVERVOLTAGE (OV) AND UNDERVOLTAGE (UV) PROTECTION
PGOOD
TPS51113, TPS51163
SLUS864 – MAY 2009........................................................................................................................................................................................................ www.ti.com
Overcurrent detection is done by comparing a user programmable threshold with the voltage drop across the
low-side FET at the end of the switching period (The low-side FET is on). The OC threshold is set with a single
external resistor connected from the LDRV_OC pin to GND.
The overcurrent programming circuit applies 10-
µA of current to the LDRV_OC pin during the calibration phase
of the start-up sequence. Voltage drop on the LDRV_OC pin is measured and digitized, and the related code is
stored in the internal latch. This code determines a reference level for the overcurrent comparator. The value of
the OC set resistor ROCSET can be determined in Equation 1.
where
• R
LDS(on) is the drain-to-source resistance of the lower MOSFET in the ON state
• I
OC is the desired value of the overcurrent protection threshold for load current
• I
RIPPLE is the peak-to-peak amplitude of the inductor ripple current
• the valley of the inductor current is compared with the overcurrent threshold for protection
When the controller senses the overcurrent condition for more than two clock cycles, both the upper and the
lower MOSFETs are latched off. To restart the controller, the VDD input should be cycled.
If the overcurrent set resistor value is higher than 50 k
Ω, for example, the voltage drop on the LDRV_OC pin
exceeds 0.5 V, the controller stays in the calibration state without entering soft-start. This prevents the controller
from being activated if the overcurrent set resistor is missing.
The controller employs the dedicated VOS input to set output undervoltage and overvoltage protections. A
resistor divider with the same ratio as on the FB input is recommended for the VOS input. The overvoltage and
undervoltage thresholds for VOS are set to 25% of the internal reference, which is 800 mV.
When the voltage on VOS is lower than 600 mV, the undervoltage protection is triggered. The controller is
latched off with both the upper and lower MOSFETs turned off.
When the voltage on VOS is higher than 1 V, the overvoltage protection is activated. In the event of overvoltage,
the upper MOSFET is turned off and the lower MOSFET is forced on until VOS voltage reaches 400 mV. Then
the lower MOSFET is also turned off, and the controller is latched off.
After both the undervoltage and overvoltage events, normal operation can only be restored by cycling the VDD
voltage.
The TPS51113 and TPS51163 have a power good output that indicates HIGH when the output voltage is within
the target range. The PGOOD function is activated as soon as the soft-start ends. When the output voltage goes
± 10% outside of the target value, PGOOD goes low. When the output voltage returns to be within ± 6% of the
target value, PGOOD signal goes HIGH again. The PGOOD output is an open drain and needs external pull up
resistor.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :TPS51113 TPS51163


Similar Part No. - TPS51163DRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5110 TI-TPS5110 Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS5110 TI1-TPS5110 Datasheet
941Kb / 43P
[Old version datasheet]   SYNCHRONOUS-BUCK PWM CONTROLLER WITH NMOS LDO CONTROLLER
TPS51100 TI-TPS51100 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
552Kb / 18P
[Old version datasheet]   3-A SINK/ SOURCE DDR TERMINATION REGULATOR
TPS51100DGQ TI-TPS51100DGQ Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results

Similar Description - TPS51163DRCT

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8115 INTERSIL-ISL8115 Datasheet
888Kb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Renesas Technology Corp
ISL8115 RENESAS-ISL8115 Datasheet
1Mb / 24P
   High Voltage Synchronous Buck PWM Controller with Integrated Gate Driver and Current Sharing Capability
logo
Texas Instruments
UCD7232 TI1-UCD7232 Datasheet
597Kb / 30P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current
logo
Micro Linear Corporatio...
ML4902 MICRO-LINEAR-ML4902 Datasheet
191Kb / 12P
   High Current Synchronous Buck Controller
ML4900 MICRO-LINEAR-ML4900 Datasheet
232Kb / 8P
   High Current Synchronous Buck Controller
ML4903 MICRO-LINEAR-ML4903 Datasheet
162Kb / 12P
   High Current Synchronous Buck Controller
ML4901 MICRO-LINEAR-ML4901 Datasheet
266Kb / 8P
   High Current Synchronous Buck Controller
logo
National Semiconductor ...
LM27402 NSC-LM27402 Datasheet
670Kb / 32P
   High Performance Synchronous Buck Controller with DCR Current Sensing
LM3075 NSC-LM3075 Datasheet
857Kb / 18P
   High Efficiency, Synchronous Current Mode Buck Controller
logo
Texas Instruments
UCD7230A TI1-UCD7230A Datasheet
787Kb / 25P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com