Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS51217 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51217
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS51217 Datasheet(HTML) 5 Page - Texas Instruments

  TPS51217 Datasheet HTML 1Page - Texas Instruments TPS51217 Datasheet HTML 2Page - Texas Instruments TPS51217 Datasheet HTML 3Page - Texas Instruments TPS51217 Datasheet HTML 4Page - Texas Instruments TPS51217 Datasheet HTML 5Page - Texas Instruments TPS51217 Datasheet HTML 6Page - Texas Instruments TPS51217 Datasheet HTML 7Page - Texas Instruments TPS51217 Datasheet HTML 8Page - Texas Instruments TPS51217 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DEVICE INFORMATION
1
2
3
4
5
10
9
8
7
6
PGOOD
TRIP
EN
VFB
TRAN
VBST
DRVH
SW
V5IN
DRVL
GND
DSCPACKAGE
(TOP VIEW)
TPS51217DSC
(TRIP)
OCL
V
V
8
=
TPS51217
www.ti.com ...................................................................................................................................................................................................... SLUS947 – JUNE 2009
Thermal pad is used as an active terminal of GND.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
High-side MOSFET driver output. The SW node referenced floating driver. The gate drive voltage is
DRVH
9
O
defined by the voltage across VBST to SW node bootstrap flying capacitor
Synchronous MOSFET driver output. The GND referenced driver. The gate drive voltage is defined by
DRVL
6
O
V5IN voltage.
EN
3
I
SMPS enable pin. Short to GND to disable the device.
Thermal
GND
I
Ground
Pad
Power Good window comparator open drain output. Pull up with resistor to 5 V or appropriate signal
PGOOD
1
O
voltage. Continuous current capability is 1 mA. PGOOD goes high 1 ms after VFB becomes within
specified limits. Power bad, or the terminal goes low, after a 2-
µs delay.
Switch node. A high-side MOSFET gate drive return. Also used for on time generation and output
SW
8
I
discharge.
Dynamic voltage change control. It forces CCM and masks PGOOD, OVP and UVP when this pin's status
is pulled up or pulled down. The masking is terminated 900
µs after TRAN pin voltage returns to normal.
TRAN
5
I
See the DYNAMIC VOLTAGE STEP and PGOOD/OVP/UVP MASK section for a detailed description.
Leave this pin open when dynamic voltage change is not used.
OCL detection threshold setting pin. 10
µA at room temperature, 4700 ppm/°C current is sourced and set
the OCL trip voltage as follows.
TRIP
2
I
(0.2 V
≤ V(TRIP) ≤ 3 V)
V5IN
7
I
5 V +30% / –10% power supply input.
Supply input for high-side MOSFET driver (bootstrap terminal). Connect a flying capacitor from this pin to
VBST
10
I
the SW pin. Internally connected to V5IN via bootstrap MOSFET switch.
VFB
4
I
SMPS feedback input. Connect the feedback resistor divider.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS51217


Similar Part No. - TPS51217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
More results

Similar Description - TPS51217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI1-TPS51211 Datasheet
677Kb / 26P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com