Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4066 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4066
Description  USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4066 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4066 Datasheet HTML 3Page - Linear Technology LTC4066 Datasheet HTML 4Page - Linear Technology LTC4066 Datasheet HTML 5Page - Linear Technology LTC4066 Datasheet HTML 6Page - Linear Technology LTC4066 Datasheet HTML 7Page - Linear Technology LTC4066 Datasheet HTML 8Page - Linear Technology LTC4066 Datasheet HTML 9Page - Linear Technology LTC4066 Datasheet HTML 10Page - Linear Technology LTC4066 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC4066/LTC4066-1
7
4066fc
TYPICAL PERFORMANCE CHARACTERISTICS
ISTAT Pin Current vs
Battery Current
ISTAT Pin Current vs Battery
Current (Low Currents)
Input Connect Waveforms
Input Disconnect Waveforms
Response to HPWR
WALL Connect Waveforms,
VIN = 0V
Respond to Suspend
IBAT (mA)
–1500
0
250
500
750
1000
1500
–1000 –500
0
500
4006 G19
1000
1500
1250
IDEAL DIODE
CHARGING
VBAT = 4.2V
VIN = 5V
TA = 25°C
RPROG = 34k
IBAT (mA)
–10
6
8
10
6
4066 G20
4
2
0
–8 –6 –4 –2
0
24
8
10
IDEAL DIODE
CHARGING
VBAT = 4.2V
VIN = 5V
TA = 25°C
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4066 G21
VBAT = 3.85V
IOUT = 100mA
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4066 G22
VBAT = 3.85V
IOUT = 100mA
HPWR
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
1ms/DIV
4066 G23
VBAT = 3.85V
IOUT = 50mA
WALL Disconnect Waveforms,
VIN = 0V
WALL
5V/DIV
IWALL
0.5A/DIV
VOUT
5V/DIV
IBAT
0.5A/DIV
1ms/DIV
4066 G24
VBAT = 3.85V
IOUT = 100mA
RPROG = 71.5k
WALL
5V/DIV
IWALL
0.5A/DIV
VOUT
5V/DIV
IBAT
0.5A/DIV
1ms/DIV
4066 G25
VBAT = 3.85V
IOUT = 100mA
RPROG = 71.5k
SUSPEND
5V/DIV
IIN
0.5A/DIV
VOUT
5V/DIV
IBAT
0.5A/DIV
1ms/DIV
4066 G26
VBAT = 3.85V
IOUT = 50mA


Similar Part No. - LTC4066

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4066 LINER-LTC4066 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4066 LINER-LTC4066 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
More results

Similar Description - LTC4066

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4066 LINER-LTC4066_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4066-1 LINER-LTC4066-1_15 Datasheet
320Kb / 28P
   USB Power Controller and Li-Ion Linear Charger with Low Loss Ideal Diode
LTC4085EDE LINER-LTC4085EDE Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085_15 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085 LINER-LTC4085 Datasheet
276Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4085-1 LINER-LTC4085-1 Datasheet
305Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-3 LINER-LTC4085-3 Datasheet
280Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-4 LINER-LTC4085-4_15 Datasheet
283Kb / 24P
   USB Power Manager with Ideal Diode Controller and 3.95V Li-Ion Charger
LTC4085-1 LINER-LTC4085-1_15 Datasheet
287Kb / 24P
   USB Power Manager with Ideal Diode Controller and 4.1V Li-Ion Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com