Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4065L Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4065L
Description  Standalone 250mA Li-Ion Battery Charger in 2 x 2 DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4065L Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4065L Datasheet HTML 7Page - Linear Technology LTC4065L Datasheet HTML 8Page - Linear Technology LTC4065L Datasheet HTML 9Page - Linear Technology LTC4065L Datasheet HTML 10Page - Linear Technology LTC4065L Datasheet HTML 11Page - Linear Technology LTC4065L Datasheet HTML 12Page - Linear Technology LTC4065L Datasheet HTML 13Page - Linear Technology LTC4065L Datasheet HTML 14Page - Linear Technology LTC4065L Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC4065L/LTC4065LX
4065lxfa
IS EN > SHUTDOWN
THRESHOLD?
ENABLE
CHRG HIGH IMPEDANCE
SHUTDOWN MODE
IF VCC > 3.6V AND
VCC > VBAT + 80mV?
UVLO
UVLO MODE
1/10 FULL CHARGE CURRENT
CHRG STRONG PULL-DOWN
TRICKLE CHARGE MODE*
FULL CHARGE CURRENT
CHRG STRONG PULL-DOWN
FAST CHARGE MODE
IS VBAT < 2.9V?
DEFECTIVE BATTERY
IS VBAT < 4.1V?
RECHARGE
NO CHARGE CURRENT
CHRG PULSES (2Hz)
BAD BATTERY MODE
FULL CHARGE CURRENT
CHRG STRONG PULL-DOWN
RECHARGE MODE
NO CHARGE CURRENT
CHRG HIGH IMPEDANCE
STANDBY MODE
CHRG HIGH IMPEDANCE
NO
YES
YES
YES
NO
NO
4065L F02
VBAT ≤ 2.9V
1/4 CHARGE CYCLE
(1.125 HOURS)
VCC < 3V
OR
EN > SHDN
THRESHOLD
CHARGE CYCLE
(4.5 HOURS)
1/2 CHARGE CYCLE
(2.25 HOURS)
2.9V < VBAT < 4.1V
VBAT > 4.1V
YES
NO
POWER
ON
*LTC4065L ONLY; LTC4065LX HAS FULL CHARGE CURRENT.
OPERATIO
Figure 2. State Diagram of LTC4065L Operation


Similar Part No. - LTC4065L

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LX LINER-LTC4065LX_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
More results

Similar Description - LTC4065L

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4065L LINEAR-LTC4065L_12 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4065 LINER-LTC4065 Datasheet
188Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065EDC-4.4 LINER-LTC4065EDC-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4065LXEDC LINER-LTC4065LXEDC Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
logo
Linear Integrated Syste...
LTC4065LEDC LINEAR-LTC4065LEDC Datasheet
206Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN
logo
Linear Technology
LTC4065-4.4 LINER-LTC4065-4.4 Datasheet
189Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 횞 2 DFN
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065L-4.1 LINER-LTC4065L-4.1_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4065LX LINER-LTC4065LX_15 Datasheet
200Kb / 18P
   Standalone 250mA Li-Ion Battery Charger
LTC4069 LINER-LTC4069_15 Datasheet
578Kb / 18P
   Standalone 750mA Li-Ion Battery Charger in 2 2 DFN with NTC Thermistor Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com