Electronic Components Datasheet Search |
|
WS10-WS1000-R1K-L25-M4 Datasheet(PDF) 5 Page - ASM GmbH |
|
WS10-WS1000-R1K-L25-M4 Datasheet(HTML) 5 Page - ASM GmbH |
5 / 10 page ASM CAT-WS-E-05 57 www.asm-sensor.com Output Specifications R1K and 10V for WS position sensors Voltage divider R1K Potentiometer Excitation Voltage 32 VDC max. at 1 k W (input power 1 W max.) Potentiometer Impedance 1k W±10% Thermal coefficient ±25 x 10 -6/ °C full scale Sensitivity Depends on measurement range, individual sensitivity of sensor specified on label Voltage Divider Utilization Range Approx. 3% ... 97% of full range Operating Temperature -20 ... +85 °C Signal conditioner 10V Voltage output Excitation Voltage +18 ... +27 V DC non stabilized Excitation Current 20 mA max. Output Voltage 0 ... +10 V DC Output Current 2 mA max. Output Load >5k W Stability (Temperature) ±50 x 10 -6 / °C full scale Protection Reverse polarity, short circuit Output Noise 0,5 mVRMS Operating Temperature -20 ... +85 °C EMC According to EN 61326:2004 Signal Wiring Output signals R1K 10V Cable color Connector pin no. + Vin Excitation + White 1 GND Excitation GND Brown 2 + Vout Signal + Green 3 Signal GND Yellow 4 View to solder terminals Note: The potentiometer must be connected as a voltage divider. The input impedance of the following processing circuit should be 10 M W min. Signal diagram Signal diagram + Vout + Vin GND Excitation GND Excitation + Signal GND Signal + Connection Mating Connector 10V 0...10 V CONN-DIN-8F-W CONN-M12-8F-G |
Similar Part No. - WS10-WS1000-R1K-L25-M4 |
|
Similar Description - WS10-WS1000-R1K-L25-M4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |