Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-lon Battery Charger with Thermistor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4061_05 Datasheet HTML 2Page - Linear Technology LTC4061_05 Datasheet HTML 3Page - Linear Technology LTC4061_05 Datasheet HTML 4Page - Linear Technology LTC4061_05 Datasheet HTML 5Page - Linear Technology LTC4061_05 Datasheet HTML 6Page - Linear Technology LTC4061_05 Datasheet HTML 7Page - Linear Technology LTC4061_05 Datasheet HTML 8Page - Linear Technology LTC4061_05 Datasheet HTML 9Page - Linear Technology LTC4061_05 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC4061
6
4061fc
4061 G22
4061 G19
4061 G20
4061 G25
4061 G26
TEMPERATURE (
°C)
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
TEMPERATURE (
°C)
–50
25
75
–25
0
50
100
–50
25
75
–25
0
50
100
4.0
3.5
3.0
2.5
2.0
1.5
900
850
800
750
700
650
600
4.0
3.5
3.0
2.5
2.0
1.5
TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
25
75
–25
0
50
100
TEMPERATURE (
°C)
–50
0.6
0.5
0.4
0.3
0.2
0.1
0
25
75
–25
0
50
100
VCC = 5V
VCC = 5V
IACPR = 5mA
VCC = 5V
ICHRG = 5mA
TEMPERATURE (
°C)
–50
900
850
800
750
700
650
600
–25
0
25
50
4061 G21
75
100
TEMPERATURE (
°C)
–50
70
60
50
40
30
20
10
–25
0
25
50
4061 G23
75
100
VCC = 5V
EN = VCC
VCC = 4.3V
VCC = 8V
VCC = 5V
4061 G24
VACPR (V)
0
4
1
2
3
160
140
120
100
80
60
40
20
0
VCC = 5V
VBAT = 4V
TA = –40°C
TA = 25°C
TA = 90°C
VCHRG (V)
0
160
140
120
100
80
60
40
20
0
1
2
3
4
4061 G27
VCC = 5V
VBAT = 4V
TA = 25°C
TA = –40°C
TA = 90°C
EN Pin Pulldown Resistance vs
Temperature
C/5 Pin Threshold Voltage
(High-to-Low) vs Temperature
C/5 Pin Pulldown Resistance vs
Temperature
CHRG Pin Output Low Voltage vs
Temperature
ACPR Pin Output Low Voltage vs
Temperature
TYPICAL PERFOR
CE CHARACTERISTICS
A
Shutdown Supply Current vs
Temperature and VCC
EN Pin Threshold Voltage
(On-to-Off) vs Temperature
ACPR Pin I-V Curve
CHRG Pin I-V Curve


Similar Part No. - LTC4061_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
Linear Integrated Syste...
LTC4061-4.4 LINEAR-LTC4061-4.4 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4061_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
   Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com