Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4061 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4061
Description  Standalone Linear Li-lon Battery Charger with Thermistor Input
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4061 Datasheet(HTML) 2 Page - Linear Technology

  LTC4061_05 Datasheet HTML 1Page - Linear Technology LTC4061_05 Datasheet HTML 2Page - Linear Technology LTC4061_05 Datasheet HTML 3Page - Linear Technology LTC4061_05 Datasheet HTML 4Page - Linear Technology LTC4061_05 Datasheet HTML 5Page - Linear Technology LTC4061_05 Datasheet HTML 6Page - Linear Technology LTC4061_05 Datasheet HTML 7Page - Linear Technology LTC4061_05 Datasheet HTML 8Page - Linear Technology LTC4061_05 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC4061
2
4061fc
ABSOLUTE AXI U RATI GS
FOR ATIO
PACKAGE/ORDER I
ELECTRICAL CHARACTERISTICS
Input Supply Voltage (VCC) ........................–0.3V to 10V
EN, ACPR, CHRG, NTC, PROG,
C/5, BAT..................................................... –0.3V to 10V
TIMER, IDET .................................... –0.3V to VCC + 0.3V
BAT Short-Circuit Duration............................Continuous
VCC Pin Current...........................................................1A
BAT Pin Current ..........................................................1A
Maximum Junction Temperature (Note 5) ............ 125°C
Operating Temperature Range (Note 2) ...–40°C to 85°C
Storage Temperature Range...................–65°C to 125°C
(Note 1)
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Voltage
4.3
8
V
ICC
Input Supply Current
Charge Mode (Note 4), RPROG = 10k
240
500
µA
Standby Mode, Charge Terminated
130
300
µA
Shutdown (EN = 5V, VCC < VBAT or VCC < VUV)
20
50
µA
VFLOAT
VBAT Regulated Output Voltage
4.185
4.2
4.215
V
0 ≤ TA ≤ 85°C
4.175
4.2
4.225
V
IBAT
BAT Pin Current
RPROG = 10k, Constant Current Mode
93
100
107
mA
RPROG = 1.25k, Constant Current Mode
760
800
840
mA
Standby Mode, Charge Terminated, VBAT = 4.2V
–3.5
–7
µA
Shutdown Mode, VBAT = 4.2V
±1
±5
µA
VPROG
PROG Pin Voltage
RPROG = 10k, Constant Current Mode
0.97
1
1.03
V
RPROG = 1.25k, Constant Current Mode
0.97
1
1.03
V
VACPR
ACPR Output Low Voltage
IACPR = 5mA
0.1
0.25
V
VCHRG
CHRG Output Low Voltage
ICHRG = 5mA
0.1
0.25
V
ITRIKL
Trickle Charge Current
VBAT < VTRIKL, RPROG = 10k
6
10
14
mA
VBAT < VTRIKL, RPROG = 1.25k
60
80
100
mA
VTRIKL
Trickle Charge Threshold Voltage
VBAT Rising
2.8
2.9
3
V
Hysteresis
100
mV
VUV
VCC Undervoltage Lockout Voltage
From Low to High
3.7
3.8
3.9
V
Hysteresis
200
mV
VASD
VCC – VBAT Lockout Threshold Voltage
VCC from Low to High, VBAT = 4.3V
145
190
230
mV
VCC from High to Low, VBAT = 4.3V
10
45
75
mV
REN
EN Pin Pull-Down Resistor
2
3.4
5
M
VEN
EN Input Threshold Voltage
EN Rising, 4.3V < VCC < 8V
0.4
0.7
1
V
Hysteresis
70
mV
VCT
Charge Termination Mode Threshold
VTIMER from High to Low
0.4
0.7
1
V
Voltage
Hysteresis
50
mV
TJMAX = 125°C, θJA = 40°C/W (NOTE 3)
EXPOSED PAD IS GROUND (PIN 11)
MUST BE SOLDERED TO PCB
TOP VIEW
10
9
6
7
8
11
4
5
3
2
1
VCC
PROG
IDET
EN
C/5
BAT
NTC
TIMER
ACPR
CHRG
ORDER PART NUMBER
DD PART MARKING
LTC4061EDD
LBJS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ConsultLTCMarketing forpartsspecifiedwithwideroperatingtemperatureranges.


Similar Part No. - LTC4061_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
Linear Integrated Syste...
LTC4061-4.4 LINEAR-LTC4061-4.4 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4061-4.4 LINER-LTC4061-4.4 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC4061_05

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
LTC4061EDD-4.4 LINER-LTC4061EDD-4.4 Datasheet
224Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061 LINER-LTC4061_15 Datasheet
278Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4 LINER-LTC4061-4 Datasheet
395Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
LTC4061-4.4 LINER-LTC4061-4.4_15 Datasheet
406Kb / 20P
   Standalone Linear Li-Ion Battery Charger with Thermistor Input
logo
Seaward Electronics Inc...
SE9018 SEAWARD-SE9018 Datasheet
314Kb / 9P
   1A Standalone Linear Li-lon Battery Charger
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
   Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com