Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4059 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4059
Description  900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 쨈 2 DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4059 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4059 Datasheet HTML 3Page - Linear Technology LTC4059 Datasheet HTML 4Page - Linear Technology LTC4059 Datasheet HTML 5Page - Linear Technology LTC4059 Datasheet HTML 6Page - Linear Technology LTC4059 Datasheet HTML 7Page - Linear Technology LTC4059 Datasheet HTML 8Page - Linear Technology LTC4059 Datasheet HTML 9Page - Linear Technology LTC4059 Datasheet HTML 10Page - Linear Technology LTC4059 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4059/LTC4059A
7
4059fa
OPERATIO
The LTC4059/LTC4059A are linear battery chargers de-
signed primarily for charging single cell lithium-ion bat-
teries. Featuring an internal P-channel power MOSFET,
the chargers use a constant-current/constant-voltage
charge algorithm with programmable current. Charge
current can be programmed up to 900mA with a final float
voltage accuracy of
±0.6%. No blocking diode or external
sense resistor is required; thus, the basic charger circuit
requires only two external components. The ACPR pin
(LTC4059A) monitors the status of the input voltage with
an open-drain output. The Li CC pin (LTC4059) disables
constant-voltage operation and turns the LTC4059 into a
precision current source capable of charging Nickel chem-
istry batteries. Furthermore, the LTC4059/LTC4059A are
designed to operate from a USB power source.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a
preset value of approximately 115
°C. This feature protects
the LTC4059/LTC4059A from excessive temperature, and
allows the user to push the limits of the power handling
capability of a given circuit board without risk of damaging
the LTC4059/LTC4059A or external components. Another
benefit of the thermal limit is that charge current can be set
according to typical, not worst-case, ambient tempera-
tures for a given application with the assurance that the
charger will automatically reduce the current in worst-
case conditions.
The charge cycle begins when the voltage at the VCC pin
rises approximately 150mV above the BAT pin voltage, a
program resistor is connected from the PROG pin to
ground, and the EN pin is pulled below the shutdown
threshold (typically 0.85V).
If the BAT pin voltage is below 4.2V, or the Li CC pin is
pulled above VLi CC (LTC4059 only), the LTC4059 will
charge the battery with the programmed current. This is
constant-current mode. When the BAT pin approaches the
final float voltage (4.2V), the LTC4059 enters constant-
voltage mode and the charge current begins to decrease.
To terminate the charge cycle the EN should be pulled
above the shutdown threshold. Alternatively, reducing the
input voltage below the BAT pin voltage will also terminate
the charge cycle.
APPLICATIO S I FOR ATIO
Programming Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The battery charge current
is 1000 times the current out of the PROG pin. The
program resistor and the charge current are calculated
using the following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
121
1000
121
.
,•
.
For best stability over temperature and time, 1% metal-
film resistors are recommended.
The charge current out of the BAT pin can be determined
at any time by monitoring the PROG pin voltage and using
the following equation:
I
V
R
BAT
PROG
PROG
=
• 1000
Undervoltage Lockout (UVLO)
An internal undervoltage lockout circuit monitors the input
voltage and keeps the charger in undervoltage lockout until
VCC rises approximately 150mV above the BAT pin voltage.
The UVLO circuit has a built-in hysteresis of 115mV. If the
BAT pin voltage is below approximately 2.75V, then the
charger will remain in undervoltage lockout until VCC rises
above approximately 3V. During undervoltage lockout
conditions, maximum battery drain current is 4
µA.
Power Supply Status Indicator
(ACPR, LTC4059A Only)
The power supply status output has two states: pull-down
and high impedance. The pull-down state indicates that
VCC is above the undervoltage lockout threshold (see
Undervoltage Lockout). When this condition is not met,
the ACPR pin is high impedance indicating that the
LTC4059A is unable to charge the battery.


Similar Part No. - LTC4059

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4059 LINEAR-LTC4059 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4059 LINER-LTC4059 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4059 LINER-LTC4059 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4059 LINER-LTC4059 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
LTC4059 LINER-LTC4059 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
More results

Similar Description - LTC4059

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4059 LINER-LTC4059_15 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
LTC4059A LINER-LTC4059A_15 Datasheet
319Kb / 12P
   900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 2 DFN
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
LTC4057-4.2 LINER-LTC4057-4.2_15 Datasheet
154Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
logo
FOSLINK SEMICONDUCTOR C...
FSP4054 FOSLINK-FSP4054 Datasheet
445Kb / 15P
   Standalone Linear Li-ion Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
XT2055 ETC1-XT2055 Datasheet
257Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057C HMSEMI-HM4057C Datasheet
577Kb / 10P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com