Electronic Components Datasheet Search |
|
WS10-WS1250-ADSI16-L10-M4 Datasheet(PDF) 9 Page - ASM GmbH |
|
WS10-WS1250-ADSI16-L10-M4 Datasheet(HTML) 9 Page - ASM GmbH |
9 / 10 page 60 CAT-WS-E-05 ASM www.asm-sensor.com IE24LI and IE24HI incremental IE24LI IE24HI Excitation voltage 5 V DC ±10 % 10 … 30 V DC Excitation current 100 mA max. Output frequency 200 kHz Output Push-pull and inverted signals Output current 10 mA max. Output voltage Depending on the excitation voltage Stability (temperature) ±20 x 10 -6 / °C f.s. (sensor mechanism) Operation temperature -20 … +85 °C Protection Short circuit EMC According to EN 61326:2004 Signal wiring Output signals Cable color Connector pin no. Excitation + Brown 1 Excitation GND White 2 Signal B (A + 90°) Grey 3 Signal A Green 4 Signal B Pink 5 Signal A Yellow 6 Signal Z (reference pulse) Blue 7 Signal Z Red 8 Output signals CONN-DIN-8F-W View to solder terminals Connection Mating connector Excitation + Excitation GND Signal A Signal B Signal A Signal B Signal Z (reference pulse) Signal Z Encoder IE24LI IE24HI Output circuit and recommended processing input circuit CONN-M12-8F-G Output Specifications IE24LI and IE24HI for WS position sensors |
Similar Part No. - WS10-WS1250-ADSI16-L10-M4 |
|
Similar Description - WS10-WS1250-ADSI16-L10-M4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |