Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS12-3000-10V-L10- Datasheet(PDF) 4 Page - ASM GmbH

Part # WS12-3000-10V-L10-
Description  analog output Dust explosion-proof
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS12-3000-10V-L10- Datasheet(HTML) 4 Page - ASM GmbH

  WS12-3000-10V-L10- Datasheet HTML 1Page - ASM GmbH WS12-3000-10V-L10- Datasheet HTML 2Page - ASM GmbH WS12-3000-10V-L10- Datasheet HTML 3Page - ASM GmbH WS12-3000-10V-L10- Datasheet HTML 4Page - ASM GmbH WS12-3000-10V-L10- Datasheet HTML 5Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
58
CAT-WS-E-05
ASM
www.asm-sensor.com
Signal Conditioner
420T
Current output (3 wire)
Excitation Voltage
+18...+27 V DC non stabilized
Excitation Current
40 mA max.
Load Resistor
350
W max.
Output Current
4 ... 20 mA equivalent to 0 ... 100% range
Stability (Temperature)
±50 x 10
-6 / °C full scale
Protection
Reverse polarity, short circuit
Output Noise
0.5 mVRMS
Operating Temperature
-20 ... +85 °C
EMC
According to EN 61326:2004
Signal conditioner
420A
Current output (2 wire)
Excitation Voltage
+12 ... 27 VDC non stabilized, measured at the
sensor terminals
Excitation Current
35 mA max.
Output Current
4 ... 20 mA equivalent to 0 ... 100% range
Stability (Temperature)
±100 x 10
-6 / °C full scale
Protection
Reverse polarity, short circuit
Output Noise
0.5 mVRMS
Operating Temperature
-20 ... +85 °C
EMC
According to EN 61326:2004
Signal Wiring
Output signals
420A
420T
Cable color
Connector
pin no.
Signal +
Excitation +
White
1
Signal –
Excitation GND
Brown
2
Signal +
Green
3
View to solder
terminals
Connection
Mating Connector
Signal +
Signal –
420A
4...20 mA
420T
4...20 mA
Excitation +
Signal +
Excitation GND
Signal Diagram
Signal diagram
CONN-DIN-8F-W
CONN-M12-8F-G
Output Specifications
420A and 420T for WS position sensors


Similar Part No. - WS12-3000-10V-L10-

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS12-3000-10V-L10- ASM-SENSOR-WS12-3000-10V-L10- Datasheet
349Kb / 10P
   analog or SSI output
More results

Similar Description - WS12-3000-10V-L10-

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
   analog output Dust explosion-proof
WS100 ASM-SENSOR-WS100 Datasheet
580Kb / 8P
   analog output Explosion-proof
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
   Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
   Explosion Proof
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
   Explosion Proof Flow Switch
logo
Systemsensor advanced i...
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
   Explosion Proof Supervisory Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
   EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
   Explosion-Proof Pull Station
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
   Explosion Proof Waterflow Detector
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
   Explosion Proof Waterflow Detector
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com