Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS1.1-1500-420A-L05 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS1.1-1500-420A-L05
Description  Analog or A/D converted synchronous serial output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS1.1-1500-420A-L05 Datasheet(HTML) 1 Page - ASM GmbH

  WS1.1-1500-420A-L05 Datasheet HTML 1Page - ASM GmbH WS1.1-1500-420A-L05 Datasheet HTML 2Page - ASM GmbH WS1.1-1500-420A-L05 Datasheet HTML 3Page - ASM GmbH WS1.1-1500-420A-L05 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
KAT-WS-E-96
ASM GmbH
Compact Sensor for Medium Ranges
• Protection Class IP50
• Measurement Range:
0 ... 1500 mm to 0 ... 2500 mm
0 ... 59.06 in to 0 ... 98.43 in
• With Analog Output or
A/D Converter with synchronous serial output
Specifications
Outputs
Potentiometer: 1 k
Voltage: 0...10 V
Current: 4...20 mA, 2 or 3 wire
A/D Converter synchronous serial 12 Bit
RS-485
Resolution
Essentially inifinite / ADSI: 12 Bit Full Scale
Material
Aluminium and Stainless Steel
Cable: Stainless Steel
Sensing Device
Precision Potentiometer
Connector
Male Socket 8 pin DIN 45326
Linearity
Up to ±0,05 % Full Scale
Protection class (IEC 529)
IP50
Weight
1.8 kg approx.
Environmental
Immunity to Interference
Refer to Output Specification
Temperature
Refer to Output Specification
Humidity
90 % R.H. max. non condensing
Shock
50 g’s max. for 6 ms Duration
Vibration
10 g’s max. (1 Hz - 2000 Hz)
Order Code WS2.1
Model Name
Measurement Range (in mm)
1500 / 2000 / 2500
Outputs
R1K
= Potentiometer 1 k
Ω (other Values on Request, i.e. 500Ω)
10V
= with 0 ... 10 V Signal Conditioner
420A = with 4 ... 20 mA Signal Conditioner (2 wire)
420T = with 4 ... 20 mA Signal Conditioner (3 wire)
ADSI = with A/D Converter synchronous serial output 12 Bit / RS-485
Linearity
L10
= ±0.10 %
L05
= ±0.05 %
Options (see catalog)
Order Example: WS2.1 - 2500 - 10V - L10
WS2.1 Position Sensor
with Analog or A/D converted
synchronous serial output
Order Code Mating Connector
WS-CONN-D8
WS2.1
Analog
Discontinued
model
Don`t
use for
further
developments
Replaced
by WS17KT


Similar Part No. - WS1.1-1500-420A-L05

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS1.1-100-10V ASM-SENSOR-WS1.1-100-10V Datasheet
702Kb / 4P
   Positions-Sensor/Position-Transducer
WS1.1-100-1V ASM-SENSOR-WS1.1-100-1V Datasheet
702Kb / 4P
   Positions-Sensor/Position-Transducer
WS1.1-100-420A ASM-SENSOR-WS1.1-100-420A Datasheet
702Kb / 4P
   Positions-Sensor/Position-Transducer
WS1.1-100-5V ASM-SENSOR-WS1.1-100-5V Datasheet
702Kb / 4P
   Positions-Sensor/Position-Transducer
WS1.1-100-PM5V ASM-SENSOR-WS1.1-100-PM5V Datasheet
702Kb / 4P
   Positions-Sensor/Position-Transducer
More results

Similar Description - WS1.1-1500-420A-L05

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
   analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
   analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
   analog or SSI output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP_07 Datasheet
380Kb / 10P
   8-Stage Static Shift Register (asynchronous parallel input or synchronous serial input/serial output)
logo
ASM GmbH
WS10ZG ASM-SENSOR-WS10ZG Datasheet
508Kb / 7P
   Analog, SSI or CANopen Output
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
   Analog, SSI or CANopen Output
logo
Analog Devices
AD9644 AD-AD9644_17 Datasheet
1Mb / 45P
   Serial Output Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADC804 BURR-BROWN-ADC804 Datasheet
694Kb / 8P
   SERIAL OUTPUT ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com