Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS60 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS60
Description  absolute or incremental encoder output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS60 Datasheet(HTML) 2 Page - ASM GmbH

  WS60 Datasheet HTML 1Page - ASM GmbH WS60 Datasheet HTML 2Page - ASM GmbH WS60 Datasheet HTML 3Page - ASM GmbH WS60 Datasheet HTML 4Page - ASM GmbH WS60 Datasheet HTML 5Page - ASM GmbH WS60 Datasheet HTML 6Page - ASM GmbH WS60 Datasheet HTML 7Page - ASM GmbH WS60 Datasheet HTML 8Page - ASM GmbH WS60 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ASM
CAT-WS-E-05
31
www.asm-sensor.com
Outline drawing
(WS60-15000)
Cable Forces
typical at 20 °C
Range
Maximum Pull-out Force
Minimum Pull-in Force
[mm]
[N]
[N]
15000
10.5
5.0
30000
14.5
6.2
60000
17.0
6.5
*Dimensions depending on encoder type
Dimensions informative only.
For guaranteed dimensions
consult factory
Model WS60
with absolute or incremental encoder output


Similar Part No. - WS60

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLFP WINGS-WS62256LLFP Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLP WINGS-WS62256LLP Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
List of Unclassifed Man...
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
WS6264LLFP ETC1-WS6264LLFP Datasheet
315Kb / 13P
   High Speed Super Low Power SRAM
More results

Similar Description - WS60

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
   Absolute or Incremental Encoder
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
   Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
   Position Sensor with Absolute or Incremental Encoder
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
   Absolute Encoder Output
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
   Absolute Encoder Output
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
   Absolute encoder / absolute code output
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com