Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD244C Datasheet(PDF) 3 Page - Motorola, Inc

Part # BD244C
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD244C Datasheet(HTML) 3 Page - Motorola, Inc

  BD244C Datasheet HTML 1Page - Motorola, Inc BD244C Datasheet HTML 2Page - Motorola, Inc BD244C Datasheet HTML 3Page - Motorola, Inc BD244C Datasheet HTML 4Page - Motorola, Inc BD244C Datasheet HTML 5Page - Motorola, Inc BD244C Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BD243B BD243C BD244B BD244C
3
Motorola Bipolar Power Transistor Device Data
Figure 4. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1.0
0.01
0.01
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.02
0.05
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
1000
500
R
θJC(max) = 1.92°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
SINGLE PULSE
0.2
0.05
0.1
0.02
0.01
SINGLE
PULSE
0.03
0.3
3.0
30
300
SECOND BREAKDOWN LIMITED
BONDING WIRE LIMITED
THERMAL LIMITATION @ TC = 25°C
CURVES APPLY BELOW RATED VCEO
10
5.0
Figure 5. Active Region Safe Operating Area
5.0
1.0
0.1
10
20
60
100
TJ = 150°C
BD243B, BD244B
BD243C, BD244C
5.0 ms
0.5 ms
0.2
2.0
0.5
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
3.0
0.3
40
80
1.0
ms
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 5 is based on TJ(pk) = 150_C: TC is
variable depending on conditions. Second breakdown pulse
limits are valid for duty cycles to 10% provided TJ(pk)
v 150_C, TJ(pk) may be calculated from the data in Fig-
ure 4. At high case temperatures, thermal limitations will
reduce the power that can be handled to values less than the
limitations imposed by second breakdown.
5.0
0.06
Figure 6. Turn-Off Time
IC, COLLECTOR CURRENT (AMP)
2.0
1.0
0.5
0.3
0.2
0.1
0.07
0.05
0.1
0.2
0.4
0.6
2.0
6.0
TJ = 25°C
VCC = 30 V
IC/IB = 10
IB1 = IB2
ts
1.0
4.0
0.7
3.0
tf
300
0.5
Figure 7. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
30
1.0
2.0
3.0
5.0
20
30
50
10
200
100
70
50
TJ = 25°C
Cib
Cob


Similar Part No. - BD244C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD244C MOSPEC-BD244C Datasheet
127Kb / 3P
   POWER TRANSISTORS(6A,65W)
logo
Savantic, Inc.
BD244C SAVANTIC-BD244C Datasheet
90Kb / 3P
   Silicon PNP Power Transistors
logo
List of Unclassifed Man...
BD244C ETC2-BD244C Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
ON Semiconductor
BD244C ONSEMI-BD244C Datasheet
140Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1995 REV 7
logo
Rectron Semiconductor
BD244C RECTRON-BD244C Datasheet
76Kb / 3P
   TO-220 - Power Transistors and Darlingtons
More results

Similar Description - BD244C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com