Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WS10ZG-1250-R1K-L10 Datasheet(PDF) 6 Page - ASM GmbH

Part # WS10ZG-1250-R1K-L10
Description  Analog, SSI or CANopen Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS10ZG-1250-R1K-L10 Datasheet(HTML) 6 Page - ASM GmbH

  WS10ZG-1250-R1K-L10 Datasheet HTML 1Page - ASM GmbH WS10ZG-1250-R1K-L10 Datasheet HTML 2Page - ASM GmbH WS10ZG-1250-R1K-L10 Datasheet HTML 3Page - ASM GmbH WS10ZG-1250-R1K-L10 Datasheet HTML 4Page - ASM GmbH WS10ZG-1250-R1K-L10 Datasheet HTML 5Page - ASM GmbH WS10ZG-1250-R1K-L10 Datasheet HTML 6Page - ASM GmbH WS10ZG-1250-R1K-L10 Datasheet HTML 7Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ADCANOP
20
PN-E-09
ASM GmbH
www.asm-sensor.com
Signal diagram
Excitation +
Excitation GND
CAN-H
CAN-L
Interface ADCANOP
Communication profile
CANopen CiA 301 V 4.02, Slave
Encoder profile
Encoder CiA 406 V 3.2
Error Control
Node Guarding, Heartbeat, Emergency Message
Node ID
Adjustable via LSS
PDO
3 TxPDO, 0 RxPDO, no linking, static mapping
PDO Modes
Event-/Time triggered, Remote-request, Sync
cyclic/acyclic
SDO
1 server, 0 client
CAM
2 cams
Certified
Yes
Transmission rates
50 kBaud to 1 MBaud, adjustable via LSS
Nodes
127 max.
Bus connection
M12 connector, 5 pins
Integrated bus terminating resistor
No
Bus, galvanic isolated
No
Specifications
Excitation voltage
18 ... 36 V DC
Excitation current
Max. 100 mA
Resolution
16 bit f. s.
Measuring rate
1 kHz (asynchronous)
Stability (temperature)
±50 x 10-6 / °C f.s.
Repeatability
1 LSB
Operating temperature
-40 ... +85 °C
Protection
Reverse polarity, short circuit
Dielectric strength
1 kV (V AC, 50 Hz, 1 min.)
Environment - EMC Automation
EN 61326:2004
View to sensor connector
Signal wiring /
connection
Signal name
Connector pin
Shield
1
Excitation +
2
GND
3
CAN-H
4
CAN-L
5
Cable
Cable
T-piece
Terminating
resistor
Terminating
resistor
CAN bus
wiring
Device 1
Device 2
Device n
T-piece
T-piece
POSIWIRE®
ADCANOP
CANopen output for WS Position Sensors


Similar Part No. - WS10ZG-1250-R1K-L10

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
WS10-100-10V ASM-SENSOR-WS10-100-10V Datasheet
379Kb / 10P
   analog or SSI output
WS10-100-420A ASM-SENSOR-WS10-100-420A Datasheet
379Kb / 10P
   analog or SSI output
WS10-100-420T ASM-SENSOR-WS10-100-420T Datasheet
379Kb / 10P
   analog or SSI output
WS10-100-ADSI16 ASM-SENSOR-WS10-100-ADSI16 Datasheet
379Kb / 10P
   analog or SSI output
More results

Similar Description - WS10ZG-1250-R1K-L10

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WB17KT ASM-SENSOR-WB17KT Datasheet
373Kb / 4P
   Analog, SSI or CANopen Output
WS7.5 ASM-SENSOR-WS7.5 Datasheet
668Kb / 17P
   analog or SSI output
WS10SG ASM-SENSOR-WS10SG Datasheet
325Kb / 10P
   analog or SSI output
WS10 ASM-SENSOR-WS10 Datasheet
379Kb / 10P
   analog or SSI output
WS12 ASM-SENSOR-WS12 Datasheet
349Kb / 10P
   analog or SSI output
WS17KT ASM-SENSOR-WS17KT Datasheet
248Kb / 8P
   analog or SSI output
logo
Texas Instruments
XTR305 TI1-XTR305 Datasheet
838Kb / 39P
[Old version datasheet]   Industrial Analog Current or Voltage Output Driver
logo
TE Connectivity Ltd
SKH TEC-SKH Datasheet
527Kb / 8P
   Cable Actuated Sensor CANOpen Output Signal
logo
ON Semiconductor
MC14070B ONSEMI-MC14070B_06 Datasheet
134Kb / 7P
   CMOS SSI Quad Exclusive OR and NOR Gates
October, 2006 ??Rev. 7
logo
ASM GmbH
WS2.1 ASM-SENSOR-WS2.1 Datasheet
78Kb / 4P
   Analog or A/D converted synchronous serial output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com