Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP401A-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TFP401A-EP
Description  TI PanelBus??DIGITAL RECEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP401A-EP Datasheet(HTML) 3 Page - Texas Instruments

  TFP401A-EP Datasheet HTML 1Page - Texas Instruments TFP401A-EP Datasheet HTML 2Page - Texas Instruments TFP401A-EP Datasheet HTML 3Page - Texas Instruments TFP401A-EP Datasheet HTML 4Page - Texas Instruments TFP401A-EP Datasheet HTML 5Page - Texas Instruments TFP401A-EP Datasheet HTML 6Page - Texas Instruments TFP401A-EP Datasheet HTML 7Page - Texas Instruments TFP401A-EP Datasheet HTML 8Page - Texas Instruments TFP401A-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
FUNCTIONAL BLOCK DIAGRAM
_
+
Latch
Channel 2
_
+
Latch
Channel 1
_
+
Latch
Channel 0
_
+
PLL
Data Recovery
and
Synchronization
TMDS
Decoder
CH2(0-9)
CH1(0-9)
CH0(0-9)
Panel
Interface
RED(0-7)
CTL3
CTL2
GRN(0-7)
CTL1
BLU(0-7)
VSYNC
HSYNC
QE(0-23)
QO(0-23)
ODCK
DE
SCDT
CTL3
CTL2
CTL1
VSYNC
HSYNC
1.8 V
Regulator
3.3 V
Internal 50-
Termination
3.3 V
3.3 V
Rx2+
Rx2-
Rx1+
Rx1-
Rx0+
Rx0-
RxC+
RxC-
TFP401A-EP
www.ti.com .................................................................................................................................................................................................. SLDS160 – MARCH 2009
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
79, 83, 87, 89, 92
GND
Analog Ground - Ground reference and current return for analog circuitry.
AVDD
82, 84, 88, 95
VDD
Analog VDD - Power supply for analog circuitry. Nominally 3.3 V
General-purpose control signals - Used for user defined control. CTL1 is not powered-down
CTL[3:1]
42, 41, 40
DO
via PDO.
Output data enable - Used to indicate time of active video display versus non-active display
or blank time. During blank, only HSYNC, VSYNC, and CTL1-3 are transmitted. During times
DE
46
DO
of active display, or non-blank, only pixel data, QE[23:0] and QO[23:0], is transmitted.
High : Active display time
Low: Blank time
Output clock data format - Controls the output clock (ODCK) format for either TFT or DSTN
panel support. For TFT support ODCK clock runs continuously. For DSTN support ODCK
DFO
1
DI
only clocks when DE is high, otherwise ODCK is held low when DE is low.
High : DSTN support/ODCK held low when DE = low
Low: TFT support/ODCK runs continuously.
DGND
5, 39, 68
GND
Digital ground - Ground reference and current return for digital core
DVDD
6, 38, 67
VDD
Digital VDD - Power supply for digital core. Nominally 3.3 V
Internal impedance matching - The TFP401A is internally optimized for impedance matching
EXT_RES
96
AI
at 50 W. An external resistor tied to this pin has no effect on device performance.
HSYNC
48
DO
Horizontal sync output
RSVD
99
DI
Reserved. Must be tied high for normal operation.
OVDD
18, 29, 43, 57, 78
VDD
Output driver VDD - Power supply for output drivers. Nominally 3.3 V
Output data clock - Pixel clock. All pixel outputs QE[23:0] and QO[23:0] (if in 2-pixel/clock
ODCK
44
DO
mode) along with DE, HSYNC, VSYNC and CTL[3:1] are synchronized to this clock.
OGND
19, 28 ,45, 58, 76
GND
Output driver ground - Ground reference and current return for digital output drivers
ODCK Polarity - Selects ODCK edge on which pixel data (QE[23:0] and QO[23:0]) and
control signals (HSYNC, VSYNC, DE, CTL1-3 ) are latched.
OCK_INV
100
DI
Normal Mode:
High : Latches output data on rising ODCK edge
Low : Latches output data on falling ODCK edge
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TFP401A-EP


Similar Part No. - TFP401A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
892Kb / 23P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401A-EP TI1-TFP401A-EP Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
More results

Similar Description - TFP401A-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
[Old version datasheet]   TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
[Old version datasheet]   TFP401x TI PanelBus Digital Receiver
TFP513 TI-TFP513 Datasheet
424Kb / 29P
[Old version datasheet]   TI PANELBUS DIGITAL TRANSMITTER
SLDS145B TI-SLDS145B Datasheet
544Kb / 29P
[Old version datasheet]   TFP410 TI PanelBus DIGITAL TRANSMITTER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
   PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
[Old version datasheet]   PanelBus Digital Receiver
TFP503 TI-TFP503 Datasheet
445Kb / 27P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
[Old version datasheet]   PANELBUS HDCP DIGITAL RECEIVER
TFP410 TI1-TFP410_V01 Datasheet
3Mb / 42P
[Old version datasheet]   TFP410 TI PanelBus™ Digital Transmitter
REVISED DECEMBER 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com