Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75DP139 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN75DP139
Description  DisplayPort to TMDS Translator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75DP139 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN75DP139 Datasheet HTML 5Page - Texas Instruments SN75DP139 Datasheet HTML 6Page - Texas Instruments SN75DP139 Datasheet HTML 7Page - Texas Instruments SN75DP139 Datasheet HTML 8Page - Texas Instruments SN75DP139 Datasheet HTML 9Page - Texas Instruments SN75DP139 Datasheet HTML 10Page - Texas Instruments SN75DP139 Datasheet HTML 11Page - Texas Instruments SN75DP139 Datasheet HTML 12Page - Texas Instruments SN75DP139 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
SN75DP139
www.ti.com...................................................................................................................................................................................................... SLLS977 – APRIL 2009
ORDERING INFORMATION(1)
PART NUMBER
PART MARKING
PACKAGE
SN75DP139RGZR
DP139
48-pin QFN Reel (large)
SN75DP139RGZT
DP139
48-pin QFN Reel (small)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage range(2)
VCC
–0.3 to 3.6
V
Main Link Input (IN_Dx) differential voltage
1.56
V
TMDS Outputs (OUT_Dx)
–0.3 to 4
V
HPD I/O (HPD_SOURCE, HPD_SINK)
–0.3 to 5.5
V
Voltage range
Auxiliary I/O (SCL_SOURCE, SDA_SOURCE, SCL_SINK,
–0.3 to 5.5
V
SDA_SINK)
Control I/O (OE_N, DDC_EN, SRC, OVS, HPDINV)
–0.3 to 5.5
V
Human body model(3)
±10000
V
Electrostatic discharge
Charged-device model(4)
±1500
V
Machine model(5)
±200
V
Continuous power dissipation
See Dissipation Rating Table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any conditions beyond those indicated under recommended operating conditions
is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground terminal.
(3)
Tested in accordance with JEDEC Standard 22, Test Method A114-B
(4)
Tested in accordance with JEDEC Standard 22, Test Method C101-A
(5)
Tested in accordance with JEDEC Standard 22, Test Method A115-A
PACKAGE
PCB JEDEC
TA ≤ 25°C
DERATING FACTOR(1)
TA = 85°C
STANDARD
ABOVE TA = 25°C
POWER RATING
Low-K
1426.8 mW
14.28 mW/°C
570 mW
48-pin QFN (RGZ)
High-K
3125 mW
31.25 mW/°C
1250 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): SN75DP139


Similar Part No. - SN75DP139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP139 TI1-SN75DP139 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZR TI1-SN75DP139RGZR Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RGZT TI1-SN75DP139RGZT Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RSBR TI1-SN75DP139RSBR Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
SN75DP139RSBT TI1-SN75DP139RSBT Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
More results

Similar Description - SN75DP139

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP129 TI-SN75DP129 Datasheet
881Kb / 28P
[Old version datasheet]   DisplayPort to TMDS Translator
SN75DP122RTQT TI1-SN75DP122RTQT Datasheet
953Kb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122A TI1-SN75DP122A Datasheet
1Mb / 37P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP122 TI-SN75DP122 Datasheet
914Kb / 35P
[Old version datasheet]   DisplayPort 1:2 Switch With Integrated TMDS Translator
SN75DP126 TI1-SN75DP126 Datasheet
1Mb / 41P
[Old version datasheet]   DisplayPort??1:2 Re-Driver Switch with TMDS Translator
SN75DP139 TI1-SN75DP139_15 Datasheet
1Mb / 43P
[Old version datasheet]   DisplayPort to TMDS Level-Shifting Re-Driver
logo
Kinetic Technologies.
STDP2690 KINETIC-STDP2690 Datasheet
392Kb / 4P
   Advanced DisplayPort to DisplayPort Converter
January 2022 - Revision 03c
logo
Molex Electronics Ltd.
0687830017 MOLEX8-0687830017 Datasheet
208Kb / 3P
   DisplayPort*-to-DisplayPort* Cable Assembly
logo
IOGEAR
G2LDPDP02 IOGEAR-G2LDPDP02 Datasheet
141Kb / 2P
   DisplayPort to DisplayPort Cable - 6ft
G2LMDPDP02 IOGEAR-G2LMDPDP02 Datasheet
142Kb / 2P
   Mini DisplayPort to DisplayPort Cable - 6ft
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com