Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP408PAPT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP408PAPT
Description  Gigabit 8 x 8 CROSSPOINT SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP408PAPT Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65LVCP408PAPT Datasheet HTML 7Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 8Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 9Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 10Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 11Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 12Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 13Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 14Page - Texas Instruments SN65LVCP408PAPT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TYPICAL CHARACTERISTICS
0
200
400
600
800
1000
1200
1400
0
1
2
3
4
5
6
7
8
DR-DataRate-Gbps
0
10
20
30
40
50
60
70
0
1
2
3
4
5
6
7
8
DR-DataRate-Gbps
2
PRBSpattern,
TheDJisMeasuredonthe
Outputofthe LVCP408
7-1
0
5
10
15
20
25
30
35
40
50
0
400
800
1200
1600
2000
V
-DifferentialInput Amplitude-mV
ID
PP
1.25Gbps
2.5Gbps
3.125Gbps
4.25Gbps
3.75Gbps
45
0
2
4
6
8
10
14
16
0
0.5
1
1.5
2
2.5
3
V
-CommonModeInputVoltage-V
IC
12
0
5
20
25
30
40
45
50
0
0.5
1.5
3
4
4.5
DR-DataRate-Gbps
10
15
35
1
2
2.5
3.5
Noise=50mV
PP
Noise=200mV
PP
Noise=400mV
PP
Noise=100mV
PP
Noise=300mV
PP
Noise=650mV
PP
SN65LVCP408
www.ti.com....................................................................................................................................................................................................... SLLS842 – JUNE 2009
DETERMINISTIC OUTPUT JITTER
DETERMINISTIC OUTPUT JITTER
DIFFERENTIAL OUTPUT VOLTAGE
vs
vs
vs
DATA RATE
DIFFERENTIAL INPUT AMPLITUDE
DATA RATE
Figure 12.
Figure 13.
Figure 14.
SUPPLY NOISE vs DETERMINISTIC
JITTER
DETERMINISTIC OUTPUT JITTER
vs
vs
DATA RATE
COMMON-MODE INPUT VOLTAGE
Figure 15.
Figure 16.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): SN65LVCP408


Similar Part No. - SN65LVCP408PAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408PAPT TI1-SN65LVCP408PAPT Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP408PAPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com