Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVCP408PAPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP408PAPR
Description  Gigabit 8 x 8 CROSSPOINT SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP408PAPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVCP408PAPR Datasheet HTML 3Page - Texas Instruments SN65LVCP408PAPR Datasheet HTML 4Page - Texas Instruments SN65LVCP408PAPR Datasheet HTML 5Page - Texas Instruments SN65LVCP408PAPR Datasheet HTML 6Page - Texas Instruments SN65LVCP408PAPR Datasheet HTML 7Page - Texas Instruments SN65LVCP408PAPR Datasheet HTML 8Page - Texas Instruments SN65LVCP408PAPR Datasheet HTML 9Page - Texas Instruments SN65LVCP408PAPR Datasheet HTML 10Page - Texas Instruments SN65LVCP408PAPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SWITCHING CHARACTERISTICS
SN65LVCP408
www.ti.com....................................................................................................................................................................................................... SLLS842 – JUNE 2009
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
MULTIPLEXER
t(SM)
Multiplexer switch time
Multiplexer to valid output
15
ns
DIFFERENTIAL OUTPUTS
Low-to-high propagation
tPLH
0.5
0.7
ns
delay
Propagation delay input to output, See Figure 6
High-to-low propagation
tPHL
0.5
0.7
ns
delay
tr
Rise time
90
ps
20% to 80% of VO(DB); Test Pattern: 100-MHz clock signal;
See Figure 5 and Figure 8
tf
Fall time
90
ps
tsk(p)
Pulse skew, | tPHL – tPLH |
(2)
20
ps
tsk(o)
Output skew(3)
All outputs terminated with 100
25
75
ps
tsk(pp)
Part-to-part skew(4)
150
ps
3-State switch time to
Assumes 50
Ω to Vcm and 150 pF load on each output;
tzd
30
ns
Disable
Tested using I2C
3-State switch time to
Assumes 50
Ω to Vcm and 150 pF load on each output;
tze
20
ns
Enable
Tested using I2C
See Figure 8 for test circuit. BERT setting 10–15
RJ
Device random jitter, rms
0.8
2 ps-rms
Alternating 10-pattern.
0 dB preemphasis
Intrinsic deterministic device
PRBS 27-1
See Figure 8 for the test
4.25 Gbps
30
ps
jitter (5), peak-to-peak
pattern
circuit.
1.25Gbps;
EQ=13dB
15
Over 25-inch
DJ
FR4 trace
0 dB preemphasis
Absolute deterministic
PRBS 27-1
See Figure 8 for the test
ps
4.25 Gbps;
output jitter(6), peak-to-peak
pattern
circuit.
EQ=13dB
Over FR4 trace
40
2-inch to 43
inches long
(1)
All typical values are at 25°C and with 3.3 V supply unless otherwise noted.
(2)
tsk(p) is the magnitude of the time difference between the tPLH and tPHL of any output of a single device.
(3)
tsk(o) is the magnitude of the time difference between the tPLH and tPHL of any two outputs of a single device.
(4)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified terminals of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(5)
The SN65LVCP408 built-in passive input equalizer compensates for ISI. For a 25-inch FR4 transmission line with 8-mil trace width, the
LVCP408 typically reduces jitter by 29 ps from the device input to the device output.
(6)
Absolute deterministic output jitter reflects the deterministic jitter measured at the SN65LVCP408 output. The value is a real measured
value with a Bit error tester as described in Figure 8. The absolute DJ reflects the sum of all deterministic jitter components accumulated
over the link: DJ(absolute) = DJ(Signal generator) + DJ(transmission line) + DJ(intrinsic(LVCP408)).
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): SN65LVCP408


Similar Part No. - SN65LVCP408PAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408PAPR TI1-SN65LVCP408PAPR Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP408PAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494MQZ96 INTERSIL-CD22M3494MQZ96 Datasheet
627Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com