Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2505IDBR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2505IDBR
Description  Digitally-Controlled MICROPHONE PREAMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA2505IDBR Datasheet(HTML) 9 Page - Texas Instruments

Back Button PGA2505IDBR Datasheet HTML 5Page - Texas Instruments PGA2505IDBR Datasheet HTML 6Page - Texas Instruments PGA2505IDBR Datasheet HTML 7Page - Texas Instruments PGA2505IDBR Datasheet HTML 8Page - Texas Instruments PGA2505IDBR Datasheet HTML 9Page - Texas Instruments PGA2505IDBR Datasheet HTML 10Page - Texas Instruments PGA2505IDBR Datasheet HTML 11Page - Texas Instruments PGA2505IDBR Datasheet HTML 12Page - Texas Instruments PGA2505IDBR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ANALOG INPUTS AND OUTPUTS
PGA2505
www.ti.com ......................................................................................................................................................... SBOS396B – MARCH 2009 – REVISED JUNE 2009
The PGA2505 includes a common-mode servo
An over-range indicator output, OVR, is provided at
function. This function is enabled and disabled using
pin
6.
The
OVR
pin
is
an
active
high,
the CM bit in the serial control word; see Figure 10.
CMOS-logic-level output. The over-range output is
When enabled, the servo provides common-mode
forced high when the preamplifier output voltage
negative feedback at the input differential pair,
exceeds one of two preset thresholds. The threshold
resulting in very low common-mode input impedance.
is programmed through the serial port interface using
The differential input impedance is not affected by
the OR bit. If OR = '0', then the output threshold is set
this feedback. This function is useful when the source
to 5.1VRMS differential, which is approximately 1dB
is floating, or has a high common-mode output
below the specified output voltage range. If OR = '1',
impedance.
then
the
output
threshold
is
set
to
4.0VRMS
differential, which is approximately 3dB below the
When the source is floating, the only connection
specified output voltage range.
between the source and the ground is through the
PGA2505 preamplifier input resistance. The input
The PGA2505 includes four programmable digital
common-mode parasitic current is determined by high
outputs, named GPO1, GPO2, GPO3, and GPO4
output impedance of the source, not by input
(pins 2, 3, 4, and 5 respectively), that are controlled
impedance
of
the
amplifier.
Therefore,
input
via
the
serial
port
interface.
These
pins
are
common-mode
interference
can
be
reduced
by
CMOS-logic-level outputs. These pins may be used
lowering the common-mode input impedance while at
to control relay drivers or switches used for external
the same time not increasing the input common-mode
preamplifier functions, including input pads, filtering,
current. Increasing common-mode current degrades
polarity reversal, or phantom power.
common-mode rejection. Using the common-mode
servo,
overall
common-mode
rejection
can
be
improved by suppressing low and medium frequency
An analog signal is input differentially across the VIN+
common-mode interference.
(pin 24) and VIN– (pin 23) inputs. The input voltage
The common-mode servo function is designed to
range and input impedance are provided in the
operate with a total common-mode input capacitance
Electrical
Characteristics
table.
The
Applications
(including the microphone cable capacitance) of up to
Information section of this data sheet provides
10nF. Beyond this limit, stable servo operation is not
additional
details
regarding
typical
input
circuit
assured.
considerations when interfacing the PGA2505 to a
microphone input.
The common-mode voltage control input, named
VCOMIN (pin 22), allows the PGA2505 output and
Both VIN+ and VIN– are biased at approximately
input to be dc-biased to a common-mode voltage
0.65V
below
the
common-mode
input
voltage,
between 0V and +2.5V and should not be left floating.
supplied at VCOMIN (pin 22). The use of ac-coupling
This configuration allows for a dc-coupled interface
capacitors (see Figure 10) is highly recommended for
between the PGA2505 preamplifier output and the
the analog inputs of the PGA2505. If dc-coupling is
inputs of common single-supply audio ADCs.
required for a given application, the user must take
this offset into account.
The zero crossing control input is provided for
enabling and disabling the internal zero crossing
It
is
recommended
that
a
small
capacitor
be
detector function. This function is enabled and
connected from each analog input pin to analog
disabled using the ZC bit in the serial control word;
ground. Values of at least 50pF are recommended.
see Figure 10. Zero crossing detection is used to
See Figure 10 for larger capacitors used for EMI
force gain changes on zero crossings of the analog
filtering, which satisfies this requirement.
input signal. This configuration limits the glitch energy
The analog output is presented differentially across
associated with switching gain, thereby minimizing
VOUT+ (pin 15) and VOUT– (pin 14). The output
audible artifacts at the preamplifier output. Because
voltage
range
is
provided
in
the
Electrical
zero crossing detection can add some delay when
Characteristics table. The analog output is designed
performing gain changes (up to 16ms maximum for a
to drive a 600
Ω differential load while meeting the
detector timeout event), there may be cases where
published
THD+N
specifications
and
typical
the user may wish to disable the function. Setting the
performance graphs.
ZC bit high enables zero crossing detection, with gain
changes occurring immediately when programmed.
Note that because the zero crossing detector requires
setup, the user should set the ZC bit as a first
operation. Subsequent changes in gain occur on the
zero crossings provided that the ZC bit setting is
maintained.
Copyright © 2009, Texas Instruments Incorporated
9
Product Folder Link(s): PGA2505


Similar Part No. - PGA2505IDBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500 BURR-BROWN-PGA2500 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
PGA2500IDB BURR-BROWN-PGA2500IDB Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500IDB BURR-BROWN-PGA2500IDB Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
PGA2500IDBG4 BURR-BROWN-PGA2500IDBG4 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
More results

Similar Description - PGA2505IDBR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500 BURR-BROWN-PGA2500_06 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
logo
Maxim Integrated Produc...
MAX9810 MAXIM-MAX9810 Datasheet
226Kb / 9P
   Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
   STEREO ADC WITH MICROPHONE PREAMPLIFIER
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
logo
List of Unclassifed Man...
FP23 ETC1-FP23 Datasheet
84Kb / 4P
   Model FP23 User Guide Microphone Preamplifier
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
   Low noise balanced input microphone preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com