Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA2505IDB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PGA2505IDB
Description  Digitally-Controlled MICROPHONE PREAMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA2505IDB Datasheet(HTML) 10 Page - Texas Instruments

Back Button PGA2505IDB Datasheet HTML 6Page - Texas Instruments PGA2505IDB Datasheet HTML 7Page - Texas Instruments PGA2505IDB Datasheet HTML 8Page - Texas Instruments PGA2505IDB Datasheet HTML 9Page - Texas Instruments PGA2505IDB Datasheet HTML 10Page - Texas Instruments PGA2505IDB Datasheet HTML 11Page - Texas Instruments PGA2505IDB Datasheet HTML 12Page - Texas Instruments PGA2505IDB Datasheet HTML 13Page - Texas Instruments PGA2505IDB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
SERIAL PORT OPERATION
SCLK
DC
CM
ZC
OR
D4
D3
D2
D1
0
0
G5
G4
G3
G2
G1
G0
DataIgnored
DataIgnored
DC
CM
ZC
OR
D4
D3
D2
D1
0
0
G5
G4
G3
G2
G1
G0
HighImpedance
HighImpedance
CS
SDI
SDO
DCServoEnable
(ActiveLow)
CMServoEnable
(ActiveHigh)
Over-RangeIndicatorBit
(0=5.1V
,1=4.0V
)
RMS
RMS
DataforGPO4
DataforGPO2
DataforGPO1
PreamplifierGain
whereN=G[5:0]DEC
ForN=0
Gain=0dB
ForN=1to17
Gain(dB)=6+3N
ForN=18to31
Gain=60dB
DataforGPO3
ZeroCrossingDetect
(ActiveHigh)
PGA2505
SBOS396B – MARCH 2009 – REVISED JUNE 2009 ......................................................................................................................................................... www.ti.com
The SCLK input is used to clock serial data into the
SDI pin and out of the SDO pin. The SDI pin
The
serial
port
interface
for
the
PGA2505
is
functions as the serial data input, and is used to write
comprised of four wires: CS (pin 9), SCLK (pin 10),
the serial port register. The SDO pin is the shift
SDI (pin 8), and SDO (pin 11). Figure 10 illustrates
register serial output, and is used for either register
the serial port protocol.
read-back or for daisy-chaining multiple PGA2505
devices. Data on SDI are sampled on the rising edge
The CS input functions as the chip select and word
of SCLK, while data are clocked out of SDO on the
latch clock for the serial port. The CS input must be
falling edge of SCLK.
low in order to clock data into and out of the serial
port. The control word is latched on a low-to-high
transition of the CS input.
The serial port ignores the SCLK and SDI inputs
when CS is high, and the SDO output is set to a high
impedance state while CS is high.
Figure 10. Serial Port Protocol
10
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): PGA2505


Similar Part No. - PGA2505IDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500 BURR-BROWN-PGA2500 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
PGA2500IDB BURR-BROWN-PGA2500IDB Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500IDB BURR-BROWN-PGA2500IDB Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
PGA2500IDBG4 BURR-BROWN-PGA2500IDBG4 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
More results

Similar Description - PGA2505IDB

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA2500 BURR-BROWN-PGA2500 Datasheet
197Kb / 16P
   Digitally Controlled Microphone Preamplifier
PGA2500 BURR-BROWN-PGA2500_06 Datasheet
202Kb / 17P
   Digitally Controlled Microphone Preamplifier
logo
Analog Devices
SSM2166 AD-SSM2166_16 Datasheet
437Kb / 13P
   Microphone Preamplifier
SSM-2015 AD-SSM-2015 Datasheet
264Kb / 5P
   LOW NOISE MICROPHONE PREAMPLIFIER
REV. B
logo
Maxim Integrated Produc...
MAX9810 MAXIM-MAX9810 Datasheet
226Kb / 9P
   Electret Condenser Microphone Cartridge Preamplifier
Rev 0; 7/02
logo
Wolfson Microelectronic...
WM8737L WOLFSON-WM8737L_12 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
WM8737 WOLFSON-WM8737 Datasheet
535Kb / 38P
   STEREO ADC WITH MICROPHONE PREAMPLIFIER
logo
Cirrus Logic
WM8737 CIRRUS-WM8737 Datasheet
413Kb / 40P
   Stereo ADC with Microphone Preamplifier
logo
List of Unclassifed Man...
FP23 ETC1-FP23 Datasheet
84Kb / 4P
   Model FP23 User Guide Microphone Preamplifier
logo
rfsolutions.ltd
SP2 RFSOLUTIONS-SP2 Datasheet
706Kb / 2P
   Low noise balanced input microphone preamplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com