Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST-A0936RP2 Datasheet(PDF) 1 Page - Soberton Inc.

Part # ST-A0936RP2
Description  Reflow Type (SMD)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOBERTON [Soberton Inc.]
Direct Link  http://www.soberton.com
Logo SOBERTON - Soberton Inc.

ST-A0936RP2 Datasheet(HTML) 1 Page - Soberton Inc.

  ST-A0936RP2 Datasheet HTML 1Page - Soberton Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
11547 K -T el Dr i ve Mi nnet on ka, M N 553 43 P h: 952.93 3.3120 Fax: 952.929 .2765
ww w.sober t on .co m
Part No. ST-A0936RP2 Reflow Type (SMD)
DIMENSIONS
Type
Unit
ST-A0936RP2
Color
Black
Rated Voltage
(V)
3.6
Operating Voltage
(V)
2-4
Current Consumption
(mA)
MAX.100
Coil Resistance
(
)
15
±
3
Sound Output (Min)
(dB)
88
Resonance Frequency
(Hz)
2730
Operating Temp
(C)
-30~+70
Storage Temp
(C)
-40~+85
Weight
(g)
0.6
Terminal
SMD
Dimension
mm
9 x H3.5
*applied voltage: 1.5V, 1/2 duty, square wave
*distance for measurement 10cm
FREQUENCY RESPONSE
id7892028 pdfMachine by Broadgun Software - a great PDF writer! - a great PDF creator! - http://www.pdfmachine.com http://www.broadgun.com


Similar Part No. - ST-A0936RP2

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
ST-A0936RP2-1 SOBERTON-ST-A0936RP2-1 Datasheet
129Kb / 1P
   Reflow Type (SMD)
More results

Similar Description - ST-A0936RP2

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
ST-03BL SOBERTON-ST-03BL Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-03CH SOBERTON-ST-03CH Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-04BT SOBERTON-ST-04BT Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-025BH SOBERTON-ST-025BH Datasheet
118Kb / 1P
   Reflow Type (SMD)
ST-A03BLA SOBERTON-ST-A03BLA Datasheet
113Kb / 1P
   Reflow Type (SMD)
ST-025BL SOBERTON-ST-025BL Datasheet
118Kb / 1P
   Reflow Type (SMD)
ST-A03BH SOBERTON-ST-A03BH Datasheet
113Kb / 1P
   Reflow Type (SMD)
ST-A03BL SOBERTON-ST-A03BL Datasheet
113Kb / 1P
   Reflow Type (SMD)
ST-03BH SOBERTON-ST-03BH Datasheet
1Mb / 5P
   Reflow Type (SMD)
ST-04BH SOBERTON-ST-04BH Datasheet
1Mb / 5P
   Reflow Type (SMD)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com