Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB14C01AI Datasheet(PDF) 9 Page - Texas Instruments

Part # TSB14C01AI
Description  5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB14C01AI Datasheet(HTML) 9 Page - Texas Instruments

Back Button TSB14C01AI Datasheet HTML 5Page - Texas Instruments TSB14C01AI Datasheet HTML 6Page - Texas Instruments TSB14C01AI Datasheet HTML 7Page - Texas Instruments TSB14C01AI Datasheet HTML 8Page - Texas Instruments TSB14C01AI Datasheet HTML 9Page - Texas Instruments TSB14C01AI Datasheet HTML 10Page - Texas Instruments TSB14C01AI Datasheet HTML 11Page - Texas Instruments TSB14C01AI Datasheet HTML 12Page - Texas Instruments TSB14C01AI Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
TSB14C01A, TSB14C01AI, TSB14C01AM
5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
SGLS107A – FEBRUARY 1999 – REVISED NOVEMBER 1999
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
internal register configuration
The accessible internal registers of this device are listed in Table 2. Bit field descriptions for the registers are
given in Table 3.
Table 2. Format for Registers
ADDRESS
0
1
2
3
4
5
6
7
0000
Physical
ID[0]
Physical
ID[1]
Physical
ID[2]
Physical
ID[3]
Physical
ID[4]
Physical
ID[5]
Reserved
Reserved
0001
INHB
IBR
RESERVED
0011
RESERVED
0100
Priority
level[0]
Priority
level[1]
Priority
level[2]
Priority
level[3]
RESERVED
Table 3. Register Bit Field Key
FIELD
SIZE
(Bits)
TYPE
DESCRIPTION
Physical ID
6
Read/Write
Physical identification. Physical ID is the address of the local node and is set to zero on power up.
INHB
1
Read/Write
Inhibit Drivers. INHB is used to turn off the drivers to TDATA and TSTRB.
IBR
1
Read/Write
Initiate Bus Reset. IBR is turned on by the link and turned off by the phy when reset is complete.
Priority
4
Read/Write
Priority setting. The four bits contain the priority of the local node. A higher value in this field
indicates a higher priority.
transceiver selection
The system designer must select transceivers appropriate to the system requirements to be used with the
TSB14C01A and the link layer selected. The following lists requirements for the transceivers needed.
D The transceivers used must be appropriate to the backplane technology used.
The various backplane technologies require different electrical characteristics in their backplanes. For
example BTL uses an operating voltage on the backplane of 2.1 V and a characteristic impedance of 33
while GTL uses an operating voltage of 1.2 V and a characteristic impedance of 50
Ω (see GTL/BTL a Low
Swing Solution for High-Speed Digital Logic, TI literature number SCEA003). When a backplane is
designed to use BTL technology, then it would be appropriate to also use that technology for the two lines
dedicated to the 1394 serial bus. The drivers selected also must be able to supply the current required for the
expected backplane loading. For example, BTL operates correctly for a FutureBus configuration backplane
at 50 Mbits/s or for a limited number of nodes in a custom configuration at 100 Mbits/s. See the
GTL/BTL a
Low Swing Solution for High-Speed Digital Logic, TI literature number SCEA003, Understanding Advanced
Bus-Interface Products, TI literature number SCAA029, or the documentation for the transceiver being
considered.
D The transceivers used must assert logic states on the backplane in an appropriate manner for the 1394
backplane arbitration.
Arbitration under 1394 backplane rules requires the drivers to assert the bus to indicate a logical 1 state, that
is a logic 1 being driven by the TSB14C01A. Conversely, the drivers should release the bus to indicate a
logic 0 state, a logic 0 being driven by the TSB14C01A. In other words, all drivers must operate in a wired-OR
mode during arbitration.
D The transceivers used must be able to monitor the bus and drive the bus at the same time.


Similar Part No. - TSB14C01AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01HV TI-TSB14C01HV Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01PM TI-TSB14C01PM Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
More results

Similar Description - TSB14C01AI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB11LV01 TI-TSB11LV01 Datasheet
320Kb / 21P
[Old version datasheet]   3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
TSB14AA1A TI-TSB14AA1A Datasheet
257Kb / 37P
[Old version datasheet]   3.3 V IEEE 1394-1995 BACKPLANE PHY
TSB14AA1A TI1-TSB14AA1A_14 Datasheet
191Kb / 8P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB14AA1A TI1-TSB14AA1A_15 Datasheet
187Kb / 7P
[Old version datasheet]   3.3-V IEEE 1394-1995 Backplane PHY
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com