Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCM61002RHBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCM61002RHBT
Description  Two Output, Integrated VCO, Low-Jitter Clock Generator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCM61002RHBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCM61002RHBT Datasheet HTML 4Page - Texas Instruments CDCM61002RHBT Datasheet HTML 5Page - Texas Instruments CDCM61002RHBT Datasheet HTML 6Page - Texas Instruments CDCM61002RHBT Datasheet HTML 7Page - Texas Instruments CDCM61002RHBT Datasheet HTML 8Page - Texas Instruments CDCM61002RHBT Datasheet HTML 9Page - Texas Instruments CDCM61002RHBT Datasheet HTML 10Page - Texas Instruments CDCM61002RHBT Datasheet HTML 11Page - Texas Instruments CDCM61002RHBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
DEVICE INFORMATION
NC
V
_OUT
CC
OUTN1
V
_OUT
CC
NC
OUTP1
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
CDCM61002
32
31
30
29
28
27
26
25
9
ThermalPad
(mustbesolderedtoground)
10
11
12
13
14
15
16
OUTN0
OUTP0
CE
OSC_OUT
GND1
XIN
V
_IN
CC
REG_CAP1
V
_PLL1
CC
REG_CAP2
CDCM61002
SCAS870B – FEBRUARY 2009 – REVISED JULY 2009.................................................................................................................................................... www.ti.com
CRYSTAL CHARACTERISTICS
PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
Mode of oscillation
Fundamental
MHz
Frequency
21.875
28.47
MHz
Equivalent series resistance (ESR)
50
On-chip load capacitance
8
10
pF
Drive level
0.1
1
mW
Maximum shunt capacitance
7
pF
RHB PACKAGE
QFN-32
(TOP VIEW)
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): CDCM61002


Similar Part No. - CDCM61002RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61002RHBT TI-CDCM61002RHBT Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
More results

Similar Description - CDCM61002RHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_17 Datasheet
953Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com