Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB12LV23 Datasheet(PDF) 7 Page - Texas Instruments

Part # TSB12LV23
Description  TSB12LV23 OHCI-Lynx PCI-Based IEEE 1394 Host Controller
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV23 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TSB12LV23 Datasheet HTML 3Page - Texas Instruments TSB12LV23 Datasheet HTML 4Page - Texas Instruments TSB12LV23 Datasheet HTML 5Page - Texas Instruments TSB12LV23 Datasheet HTML 6Page - Texas Instruments TSB12LV23 Datasheet HTML 7Page - Texas Instruments TSB12LV23 Datasheet HTML 8Page - Texas Instruments TSB12LV23 Datasheet HTML 9Page - Texas Instruments TSB12LV23 Datasheet HTML 10Page - Texas Instruments TSB12LV23 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
1–1
1 Introduction
1.1
Description
The Texas Instruments TSB12LV23 is a PCI-to-1394 host controller compatible with the latest
PCI Local Bus, PCI
Bus Power Management Interface, IEEE 1394-1995, and 1394 Open Host Controller Interface Specifications. The
chip provides the IEEE 1394 link function, and is compatible with serial bus data rates of 100 Mbits/s, 200 Mbits/s,
and 400 Mbits/s.
As required by the
1394 Open Host Controller Interface (OHCI) and IEEE 1394A Specifications, internal control
registers are memory mapped and non-prefetchable. The PCI configuration header is accessed through
configuration cycles specified by PCI, and provides Plug-and-Play (PnP) compatibility. Furthermore, the TSB12LV23
is compliant with the
PCI Bus Power Management Interface Specification, per the PC 98 requirements. TSB12LV23
supports the D0, D2, and D3 power states.
The TSB12LV23 design provides PCI bus master bursting, and is capable of transferring a cacheline of data at 132
Mbytes/s after connection to the memory controller. Since PCI latency can be large even on a PCI Revision 2.1
system, deep FIFOs are provided to buffer 1394 data.
The TSB12LV23 provides physical write posting buffers and a highly tuned physical data path for SBP-2 performance.
The TSB12LV23 also provides multiple isochronous contexts, multiple cacheline burst transfers, advanced internal
arbitration, and bus holding buffers on the PHY/Link interface, thus, making the TSB12LV23 the best-in-class 1394
OHCI solution.
An advanced CMOS process is used to achieve low power consumption while operating at PCI clock rates up to
33 MHz.
1.2
Features
The TSB12LV23 supports the following features:
3.3-V core logic with universal PCI interfaces compatible with 3.3-V and 5-V PCI signaling environments
Supports serial bus data rates of 100, 200, and 400 Mbits/s
Provides bus-hold buffers on physical interface for low-cost single capacitor isolation
Supports physical write posting of up to three outstanding transactions
Serial ROM interface supports 2-wire devices
Supports external cycle timer control for customized synchronization
Implements PCI burst transfers and deep FIFOs to tolerate large host latency
Provides two general-purpose I/Os
Fabricated in advanced low-power CMOS process
Packaged in 100 LQFP (PZ)
Supports CLKRUN
Drop-in replacement for the TSB12LV22
Supports PCI and CardBus applications


Similar Part No. - TSB12LV23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21 TI-TSB12LV21 Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV21 TI-TSB12LV21 Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21 TI-TSB12LV21 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB12LV21A TI-TSB12LV21A Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
TSB12LV21APGF TI-TSB12LV21APGF Datasheet
258Kb / 18P
[Old version datasheet]   IEEE 1394-1995 BUS TO PCI BUS INTERFACE
More results

Similar Description - TSB12LV23

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV26 TI1-TSB12LV26_14 Datasheet
82Kb / 6P
[Old version datasheet]   OHCI-Lynx??PCI-Based IEEE 1394 Host Controller
TSB12LV26PZT TI-TSB12LV26PZT Datasheet
62Kb / 5P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host Controller
TSB12LV22 TI-TSB12LV22 Datasheet
657Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP Datasheet
472Kb / 85P
[Old version datasheet]   OHCI-LYNX PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26 TI-TSB12LV26 Datasheet
391Kb / 91P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
TSB12LV26-EP TI1-TSB12LV26-EP_14 Datasheet
476Kb / 85P
[Old version datasheet]   OHCI-Lynx PCI-Based IEEE 1394 Host controller
TSB12LV22 TI1-TSB12LV22_12 Datasheet
586Kb / 45P
[Old version datasheet]   OHCI-Lynx PCI-BASED IEEE 1394 HOST CONTROLLER
logo
National Semiconductor ...
CS4210 NSC-CS4210 Datasheet
1Mb / 102P
   IEEE 1394 OHCI Controller
logo
Texas Instruments
TSB82AF15-EP TI-TSB82AF15-EP Datasheet
3Mb / 177P
[Old version datasheet]   TSB82AF15-EP PCI Express-Based IEEE 1394b OHCI Host Controller
logo
List of Unclassifed Man...
VT6305 ETC-VT6305 Datasheet
220Kb / 35P
   PCI 1394 Host Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com