Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB12LV21BPGF Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TSB12LV21BPGF
Description  IEEE 1394 LINK LAYER CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV21BPGF Datasheet(HTML) 5 Page - Texas Instruments

  TSB12LV21BPGF Datasheet HTML 1Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 2Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 3Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 4Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 5Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 6Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 7Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 8Page - Texas Instruments TSB12LV21BPGF Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TSB12LV21B
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
SLLS306– JULY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 1. Signals Sorted by Pin Number (Continued)
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
PIN NO.
SIGNAL NAME
165
3.3V VCC
168
GND
171
pci_ad29
174
pci_ad27
166
pci_inta
169
pci_ad31
172
3.3V VCC
175
GND
167
pci_req
170
pci_ad30
173
pci_ad28
176
pci_ad26
Terminal Functions
power supply terminals
TERMINAL
I/O
FUNCTION
NAME
NO.
I/O
TYPE
FUNCTION
GND
6, 14, 21, 28, 35, 45,
51, 65, 72, 79, 89,
95, 102, 114, 121,
130, 141, 150, 155,
160, 168, 175
I
Device ground terminals
3.3V VCC
1, 8, 19, 26, 33, 42,
49, 56, 70, 75, 86,
93, 100, 107, 116,
128, 136, 138, 145,
157, 165, 172
I
3.3-V power supply terminal for core logic
5.0V VCC
12, 40, 60, 63, 84,
109, 162
I
5-V power rail for 5-V tolerant Input buffers
PCI system terminals
TERMINAL
I/O
FUNCTION
NAME
NO.
I/O
TYPE
FUNCTION
pci_clk
161
I
System PCI bus clock. This signal ranges from 0MHz–-33MHz MHz and provides timing for all transactions
on the PCI bus. All PCI signals are sampled at the rising edge of PCLK.
pci_reset
163
I
pci_reset. When the PCI bus reset is asserted the pci_reset signal causes the PCILynx-2 to 3-state all
output buffers and reset all internal registers. When pci_reset is asserted, the device is completely
nonfunctional. After pci_reset is deasserted, the PCILynx-2 is in its default state.
pci_inta
166
OD
PCI system interrupt A. This is an open drain signal.


Similar Part No. - TSB12LV21BPGF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21BPGF TI1-TSB12LV21BPGF Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21BPGFG4 TI1-TSB12LV21BPGFG4 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results

Similar Description - TSB12LV21BPGF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB42AA4 TI1-TSB42AA4_14 Datasheet
121Kb / 7P
[Old version datasheet]   IEEE 1394-a Consumer Electronics Link Layer Controller
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
[Old version datasheet]   Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com