Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD242B Datasheet(PDF) 4 Page - Motorola, Inc

Part # BD242B
Description  Complementary Silicon Plastic Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD242B Datasheet(HTML) 4 Page - Motorola, Inc

  BD242B Datasheet HTML 1Page - Motorola, Inc BD242B Datasheet HTML 2Page - Motorola, Inc BD242B Datasheet HTML 3Page - Motorola, Inc BD242B Datasheet HTML 4Page - Motorola, Inc BD242B Datasheet HTML 5Page - Motorola, Inc BD242B Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BD241B BD241C BD242B BD242C
4
Motorola Bipolar Power Transistor Device Data
500
0.03
5.0
0.05 0.07 0.1
0.3
0.5
1.0
3.0
100
50
30
10
300
70
TJ = 150°C
25
°C
– 55
°C
VCE = 2.0 V
0.7
7.0
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
1.4
0.003
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (AMPS)
0.01 0.020.03
0.1
0.2
0.5
1.0
2.0 3.0
0.8
0.6
0.4
0.2
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
2.0
1.0
Figure 10. “On” Voltages
IB, BASE CURRENT (mA)
0
2.0
5.0
10
20
50
100 200
500
1000
1.6
1.2
0.8
0.4
IC = 0.3 A
TJ = 25°C
1.0 A
3.0 A
+ 2.5
0.003
Figure 11. Temperature Coefficients
IC, COLLECTOR CURRENT (AMP)
0.01 0.02
0.05
0.1
0.2 0.3
1.0
2.0 3.0
+ 2.0
+ 1.5
+ 0.5
0
– 0.5
– 1.0
– 1.5
– 2.0
– 2.5
θVB FOR VBE
*
θVC FOR VCE(sat)
*APPLIES FOR IC/IB ≤ 5.0
TJ = – 65°C TO + 150°C
103
– 0.4
Figure 12. Collector Cut–Off Region
VBE, BASE–EMITTER VOLTAGE (VOLTS)
102
101
100
10–1
10– 2
10– 3
– 0.3 – 0.2 – 0.1
0
+ 0.1 + 0.2 + 0.3
+ 0.4 + 0.5
+ 0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
ICES
107
Figure 13. Effects of Base–Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
20
40
60
80
100
120
140
160
106
105
104
103
102
VCE = 30 V
IC = 10 x ICES
IC ≈ ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 12)
0.005
0.3
0.05
1.2
1.0
VBE @ VCE = 2.0 V
+ 1.0
0.5
0.005
IC = 2 x ICES


Similar Part No. - BD242B

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BD242B MOSPEC-BD242B Datasheet
133Kb / 3P
   POWER TRANSISTORS(3A,40W)
logo
Comset Semiconductor
BD242B COMSET-BD242B Datasheet
104Kb / 3P
   MEDIUM POWER LINEAR AND SWITCHING APPLICATIONS
logo
Power Innovations Ltd
BD242B POINN-BD242B Datasheet
87Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
ON Semiconductor
BD242B ONSEMI-BD242B Datasheet
155Kb / 6P
   Complementary Silicon Plastic Power Transistors 80??00 VOLTS
October, 2011 ??Rev. 8
logo
STMicroelectronics
BD242B STMICROELECTRONICS-BD242B Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
More results

Similar Description - BD242B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD243B MOTOROLA-BD243B Datasheet
140Kb / 6P
   Complementary Silicon Plastic Power Transistors
BD787 MOTOROLA-BD787 Datasheet
148Kb / 6P
   Complementary Plastic Silicon Power Transistors
logo
New Jersey Semi-Conduct...
2N6107 NJSEMI-2N6107 Datasheet
297Kb / 3P
   COMPLEMENTARY SILICON PLASTIC POWER TRANSISTORS
logo
ON Semiconductor
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
   Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6487 ONSEMI-2N6487_14 Datasheet
104Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 16
MJD253-001 ONSEMI-MJD253-001 Datasheet
168Kb / 8P
   Complementary Silicon Plastic Power Transistors
August, 2013 ??Rev. 15
logo
New Jersey Semi-Conduct...
MJE15032 NJSEMI-MJE15032 Datasheet
133Kb / 2P
   Complementary Silicon Plastic Power Transistors
logo
ON Semiconductor
BD243B ONSEMI-BD243B_14 Datasheet
103Kb / 6P
   Complementary Silicon Plastic Power Transistors
November, 2014 ??Rev. 15
MJE200G ONSEMI-MJE200G Datasheet
170Kb / 6P
   Complementary Silicon Power Plastic Transistors
December, 2013 ??Rev. 15
MJB6488 ONSEMI-MJB6488 Datasheet
68Kb / 6P
   Complementary Silicon Plastic Power Transistors
July, 2004 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com