Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24753A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24753A
Description  Host-Controlled Li-Ion and Li-Polymer Battery Charger with Low Iq and System Power Selector
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24753A Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24753A Datasheet HTML 3Page - Texas Instruments BQ24753A Datasheet HTML 4Page - Texas Instruments BQ24753A Datasheet HTML 5Page - Texas Instruments BQ24753A Datasheet HTML 6Page - Texas Instruments BQ24753A Datasheet HTML 7Page - Texas Instruments BQ24753A Datasheet HTML 8Page - Texas Instruments BQ24753A Datasheet HTML 9Page - Texas Instruments BQ24753A Datasheet HTML 10Page - Texas Instruments BQ24753A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
bq24753A
www.ti.com....................................................................................................................................................................................................... SLUS920 – JULY 2009
ELECTRICAL CHARACTERISTICS (continued)
7 V
≤ VPVCC ≤ 24 V, 0°C < TJ < 125°C, typical values are at TA = 25°C, with respect to AGND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REGN REGULATOR
VREGN_REG
REGN regulator voltage
VACDET > 0.6 V, 0-75 mA, PVCC > 10 V
5.6
5.9
6.2
V
IREGN_LIM
REGN current limit
VREGN = 0 V, VACDET > 0.6 V
90
135
mA
ADAPTER CURRENT SENSE AMPLIFIER
VACP/N_OP
Input common mode range
Voltage on ACP/ACN
0
24
V
VIADAPT
IADAPT output voltage range
0
2
IIADAPT
IADAPT output current
0
1
mA
AIADAPT
Current sense amplifier voltage gain
AIADAPT = VIADAPT / VIREG_DPM
20
V/V
VIREG_DPM = 40–100 mV
–2%
2%
VIREG_DPM = 20 mV
–3%
3%
Adapter current sense accuracy
VIREG_DPM = 5 mV
–25%
25%
VIREG_DPM = 1.5 mV
–33%
33%
IIADAPT_LIM
Output current limit
VIADAPT = 0 V
1
mA
CIADAPT_MAX
Maximum output load capacitance
For stability with 0 mA to 1 mA load
100
pF
ACDET COMPARATOR
VACDET_CHG
ACDET adapter-detect rising threshold
Min voltage to enable charging, VACDET rising
2.376
2.40
2.424
V
VACDET_CHG_HYS
ACDET falling hysteresis
VACDET falling
40
mV
deglitch time after VACDET rising
VACDET rising above 2.4V
518
700
908
ms
deglitch time after VACDET falling
VACDET falling below 2.4V
7
9
11
ms
VACDET_BIAS
ACDET enable-bias rising threshold
Min voltage to enable all bias, VACDET rising
0.56
0.62
0.68
V
VACDET_BIAS_HYS
Adapter present falling hysteresis
VACDET falling
20
mV
ACDET_BIAS rising deglitch
VACDET rising above 0.62V
10
µs
ACDET_BIAS falling deglitch
VACDET falling below 0.62V
10
µs
PVCC / BAT COMPARATOR
VPVCC-BAT_OP
Differential Voltage from PVCC to BAT
–20
24
V
VPVCC-BAT_FALL
PVCC to BAT falling threshold
VPVCC – VBAT to turn off ACFET
140
185
240
mV
VPVCC-BAT__HYS
PVCC to BAT hysteresis
50
mV
PVCC to BAT Rising Deglitch
VPVCC – VBAT > VPVCC-BAT_RISE
7
9
11
ms
PVCC to BAT Falling Deglitch
VPVCC – VBAT < VPVCC-BAT_FALL
6
µs
OPEN-DRAIN LOGIC OUTPUT PIN CHARACTERISTICS (ACGOOD)
VOUT_LO
Output low saturation voltage
Sink Current = 5 mA
0.5
V
Delay between system power selector
(ACDRV and BATDRV) switching and
10
µs
ACGOOD edge
INPUT UNDERVOLTAGE LOCK-OUT COMPARATOR (UVLO)
AC Undervoltage rising threshold to exit
UVLO
Measured on PVCC
3.5
4
4.5
V
UVLO
UVLO(HYS)
AC Undervoltage hysteresis, falling
260
mV
AC LOWVOLTAGE COMPARATOR (ACLOWV)
AC lowvoltage rising threshold
3.6
VACLOWV
Measure on ACP pin
V
AC lowvoltage falling threshold
3
ACN / BAT COMPARATOR
VACN-BAT_FALL
ACN to BAT falling threshold
VACN – VBAT to turn on BATDRV
175
285
340
mV
VACN-BAT_HYS
ACN to BAT hysteresis
50
mV
ACN to BAT rising deglitch
VACN – VBAT > VACN-BAT_RISE
20
µs
ACN to BAT falling deglitch
VACN – VBAT < VACN-BAT_FALL
6
µs
BAT OVERVOLTAGE COMPARATOR
VOV_RISE
Overvoltage rising threshold
As percentage of VBAT_REG
104%
VOV_FALL
Overvoltage falling threshold
As percentage of VBAT_REG
102%
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :bq24753A


Similar Part No. - BQ24753A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24753 TI-BQ24753 Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753RHDR TI-BQ24753RHDR Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
BQ24753RHDT TI-BQ24753RHDT Datasheet
1Mb / 38P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger with Low Iq and System Power Selector
More results

Similar Description - BQ24753A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24704 TI-BQ24704 Datasheet
1Mb / 31P
[Old version datasheet]   Low Cost, Host-Controlled Li-Ion and Li-Polymer Battery Charger With Low Iq
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24741 TI-BQ24741 Datasheet
1Mb / 30P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
BQ24741 TI-BQ24741 Datasheet
1Mb / 35P
[Old version datasheet]   Li-Ion or Li-Polymer Battery Charger with Low Iq and Accurate Trickle Charge
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com