Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24380DSGTG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24380DSGTG4
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24380DSGTG4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24380DSGTG4 Datasheet HTML 1Page - Texas Instruments BQ24380DSGTG4 Datasheet HTML 2Page - Texas Instruments BQ24380DSGTG4 Datasheet HTML 3Page - Texas Instruments BQ24380DSGTG4 Datasheet HTML 4Page - Texas Instruments BQ24380DSGTG4 Datasheet HTML 5Page - Texas Instruments BQ24380DSGTG4 Datasheet HTML 6Page - Texas Instruments BQ24380DSGTG4 Datasheet HTML 7Page - Texas Instruments BQ24380DSGTG4 Datasheet HTML 8Page - Texas Instruments BQ24380DSGTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
bq24380
bq24381
bq24382
SLUS805B – APRIL 2008 – REVISED MARCH 2009......................................................................................................................................................... www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
DEVICE
VOVP
VO(REG)
PACKAGE(1)
MARKING
bq24380
6.3 V
5.5 V
2mm x 2mm SON
CFE
bq24381
7.1 V
5 V
2mm x 2mm SON
CFW
bq24382
10.5 V
5 V
2mm x 2mm SON
OBE
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
IN (with respect to VSS)
–0.3 to 30
V
VI
Input voltage
OUT (with respect to VSS)
–0.3 to 12
V
FAULT, CE, VBAT (with respect to VSS)
–0.3 to 7
V
IOUTmax
Output source current
OUT
2
A
Output sink current
FAULT
15
mA
TJ
Junction temperature
–40 to 150
°C
Tstg
Storage temperature
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
PACKAGE
RθJC
RθJA
DSG
5°C/W
75°C/W
MIN
MAX
UNIT
VI
IN voltage range
3.3
30
V
IO
Current, OUT pin
1.7
A
TJ
Junction temperature
-40
125
°C
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq24380 bq24381 bq24382


Similar Part No. - BQ24380DSGTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380DSGT TI-BQ24380DSGT Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24380DSGT TI1-BQ24380DSGT Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
More results

Similar Description - BQ24380DSGTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380 TI-BQ24380 Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com