Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24381 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # bq24381
Description  Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24381 Datasheet(HTML) 5 Page - Texas Instruments

  bq24381 Datasheet HTML 1Page - Texas Instruments bq24381 Datasheet HTML 2Page - Texas Instruments bq24381 Datasheet HTML 3Page - Texas Instruments bq24381 Datasheet HTML 4Page - Texas Instruments bq24381 Datasheet HTML 5Page - Texas Instruments bq24381 Datasheet HTML 6Page - Texas Instruments bq24381 Datasheet HTML 7Page - Texas Instruments bq24381 Datasheet HTML 8Page - Texas Instruments bq24381 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
TYPICAL CHARACTERISTICS
V
2V/div
FAULT
V
500mV/div
OUT
t-Time-2ms/div
V
5V/div
IN
V
2V/div
IN
V
2V/div
OUT
I
500mA/div
OUT
R
=6.6
OUT
W
t-Time-2ms/div
V
2V/div
IN
V
2V/div
OUT
V
2V/div
FAULT
t-Time-200ms/div
V
2V/div
IN
V
2V/div
OUT
V
2V/div
FAULT
V =6Vto9Vstep
IN
t-Time-5 s/div
m
V
5V/div
IN
V
2V/div
OUT
V =10Vto6Vstep
IN
V
2V/div
FAULT
t-Time-2ms/div
V
5V/div
IN
V
5V/div
OUT
I
1 A/div
OUT
V
2V/div
FAULT
t-Time-5ms/div
bq24380
bq24381
bq24382
www.ti.com......................................................................................................................................................... SLUS805B – APRIL 2008 – REVISED MARCH 2009
NORMAL POWER-ON
SHOWING SOFT-START (bq24380)
OVP at POWER-ON
Figure 1.
Figure 2.
OVP RESPONSE for INPUT STEP (bq24380)
SLOW INPUT RAMPINTO OVP EVENT (bq24380)
Figure 3.
Figure 4.
RECOVERY FROM OVP (bq24380)
POWER UP INTO SHORT CIRCUIT
Figure 5.
Figure 6.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24380 bq24381 bq24382


Similar Part No. - bq24381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24381 TI-BQ24381 Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24381DSGR TI-BQ24381DSGR Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24381DSGR TI1-BQ24381DSGR Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
BQ24381DSGRG4 TI1-BQ24381DSGRG4 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC nd Li Charger Front-End Protection IC
BQ24381DSGT TI-BQ24381DSGT Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
More results

Similar Description - bq24381

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24380 TI-BQ24380 Datasheet
786Kb / 18P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC With LDO Mode
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
[Old version datasheet]   Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
[Old version datasheet]   OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com