Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB12LV01APZ Datasheet(PDF) 11 Page - Texas Instruments

Part # TSB12LV01APZ
Description  High-Speed Serial-Bus Link-Layer Controller
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12LV01APZ Datasheet(HTML) 11 Page - Texas Instruments

Back Button TSB12LV01APZ Datasheet HTML 7Page - Texas Instruments TSB12LV01APZ Datasheet HTML 8Page - Texas Instruments TSB12LV01APZ Datasheet HTML 9Page - Texas Instruments TSB12LV01APZ Datasheet HTML 10Page - Texas Instruments TSB12LV01APZ Datasheet HTML 11Page - Texas Instruments TSB12LV01APZ Datasheet HTML 12Page - Texas Instruments TSB12LV01APZ Datasheet HTML 13Page - Texas Instruments TSB12LV01APZ Datasheet HTML 14Page - Texas Instruments TSB12LV01APZ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 71 page
background image
1–3
1.3
Terminal Assignments
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
CYST
CYDNE
GRFEMP
GND
GND
GND
CYCLEOUT
VCC
CYCLEIN
GND
GND
RESET
GND
INT
WR
CA
CS
VCC+5V
BCLK
GND
ADDR7
ADDR6
ADDR5
ADDR4
VCC
POWERON
RAMEZ
GND
GND
GND
GND
DATA0
DATA1
DATA2
DATA3
VCC+5V
DATA4
DATA5
DATA6
DATA7
GND
DATA8
DATA9
DATA10
DATA11
VCC
DATA12
DATA13
DATA14
DATA15
To Host
To PHY Layer
NOTES: A. Tie reserved terminals to GND.
TSB12LV01A
PZ PACKAGE
(TOP VIEW)
B. Bit 0 is the most significant bit (MSB).


Similar Part No. - TSB12LV01APZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B TI1-TSB12LV01B Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01BIPZT TI-TSB12LV01BIPZT Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01BIPZT TI1-TSB12LV01BIPZT Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
More results

Similar Description - TSB12LV01APZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB12C01A TI-TSB12C01A Datasheet
275Kb / 59P
[Old version datasheet]   High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B TI-TSB12LV01B Datasheet
438Kb / 77P
[Old version datasheet]   IEEE 1394-1995 HIGH SPEED SERIAL BUS LINK LAYER CONTROLLER
TSB12LV01B TI1-TSB12LV01B_14 Datasheet
86Kb / 6P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV01B-EP TI1-TSB12LV01B-EP Datasheet
402Kb / 78P
[Old version datasheet]   IEEE 1394-1995 High-Speed Serial-Bus Link-Layer Controller
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
   1394 AV link layer controller
1997 Oct 21
logo
STMicroelectronics
MK50H25 STMICROELECTRONICS-MK50H25 Datasheet
515Kb / 64P
   HIGH SPEED LINK LEVEL CONTROLLER
logo
NXP Semiconductors
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
   1394 enhanced AV link layer controller
2000 Dec 15
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
   1394 SBP-2 link layer controller
2000 Nov 17
ISP1181A PHILIPS-ISP1181A Datasheet
341Kb / 70P
   Full-speed Universal Serial Bus peripheral controller
Rev. 05-08 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com