Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

bq24073RGTT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # bq24073RGTT
Description  1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

bq24073RGTT Datasheet(HTML) 2 Page - Texas Instruments

  bq24073RGTT Datasheet HTML 1Page - Texas Instruments bq24073RGTT Datasheet HTML 2Page - Texas Instruments bq24073RGTT Datasheet HTML 3Page - Texas Instruments bq24073RGTT Datasheet HTML 4Page - Texas Instruments bq24073RGTT Datasheet HTML 5Page - Texas Instruments bq24073RGTT Datasheet HTML 6Page - Texas Instruments bq24073RGTT Datasheet HTML 7Page - Texas Instruments bq24073RGTT Datasheet HTML 8Page - Texas Instruments bq24073RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
DESCRIPTION (CONTINUED)
bq24072, bq24073
bq24074, bq24075, bq24079
SLUS810D – SEPTEMBER 2008 – REVISED JUNE 2009................................................................................................................................................. www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Additionally, the regulated system input enables instant system turn-on when plugged in even with a totally
discharged battery. The power-path management architecture also permits the battery to supplement the system
current requirements when the adapter cannot deliver the peak system currents, enabling the use of a smaller
adapter.
The battery is charged in three phases: conditioning, constant current, and constant voltage. In all charge
phases, an internal control loop monitors the IC junction temperature and reduces the charge current if the
internal temperature threshold is exceeded. The charger power stage and charge current sense functions are
fully integrated. The charger function has high accuracy current and voltage regulation loops, charge status
display, and charge termination. The input current limit and charge current are programmable using external
resistors.
ORDERING INFORMATION
PART NUMBER
OPTIONAL
VOVP
VBAT(REG)
VOUT(REG)
VDPPM
MARKING
(1) (2)
FUNCTION
bq24072RGTR
6.6 V
4.2V
VBAT + 225 mV
VO(REG) – 100 mV
TD
CKP
bq24072RGTT
6.6 V
4.2V
VBAT + 225 mV
VO(REG) – 100 mV
TD
CKP
bq24073RGTR
6.6 V
4.2V
4.4 V
VO(REG) – 100 mV
TD
CKQ
bq24073RGTT
6.6 V
4.2V
4.4 V
VO(REG) – 100 mV
TD
CKQ
bq24074RGTR
10.5 V
4.2V
4.4 V
VO(REG) – 100 mV
ITERM
BZF
bq24074RGTT
10.5 V
4.2V
4.4 V
VO(REG) – 100 mV
ITERM
BZF
bq24075RGTR
6.6 V
4.2V
5.5 V
4.3 V
SYSOFF
CDU
bq24075RGTT
6.6 V
4.2V
5.5 V
4.3 V
SYSOFF
CDU
bq24079RGTR
6.6 V
4.1V
5.5 V
4.3 V
SYSOFF
ODI
bq24079RGTT
6.6 V
4.1V
5.5 V
4.3 V
SYSOFF
ODI
(1)
The RGT package is available in the following options:
R - taped and reeled in quantities of 3,000 devices per reel.
T - taped and reeled in quantities of 250 devices per reel.
(2)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq24072 bq24073 bq24074 bq24075, bq24079


Similar Part No. - bq24073RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24073RGTT TI-BQ24073RGTT Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24073RGTT TI-BQ24073RGTT Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24073RGTT TI-BQ24073RGTT Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24073RGTTG4 TI-BQ24073RGTTG4 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24073RGTTG4 TI-BQ24073RGTTG4 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results

Similar Description - bq24073RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072T TI-BQ24072T_2 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072_10 Datasheet
2Mb / 42P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072T TI-BQ24072T_1 Datasheet
2Mb / 34P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072T TI-BQ24072T Datasheet
2Mb / 33P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24075T TI-BQ24075T Datasheet
2Mb / 29P
[Old version datasheet]   1.5A USB-Friendly Li-Ion Battery Charger and Power-Path Management IC
BQ24075-Q1 TI1-BQ24075-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
[Old version datasheet]   1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24230 TI-BQ24230 Datasheet
1Mb / 33P
[Old version datasheet]   USB-FRIENDLY LITHIUM-ION BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24232H TI1-BQ24232H Datasheet
1Mb / 37P
[Old version datasheet]   USB-Friendly Lithium-Ion Battery Charger and Power-Path Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com