Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ20Z40PW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BQ20Z40PW
Description  SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ20Z40PW Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ20Z40PW Datasheet HTML 6Page - Texas Instruments BQ20Z40PW Datasheet HTML 7Page - Texas Instruments BQ20Z40PW Datasheet HTML 8Page - Texas Instruments BQ20Z40PW Datasheet HTML 9Page - Texas Instruments BQ20Z40PW Datasheet HTML 10Page - Texas Instruments BQ20Z40PW Datasheet HTML 11Page - Texas Instruments BQ20Z40PW Datasheet HTML 12Page - Texas Instruments BQ20Z40PW Datasheet HTML 13Page - Texas Instruments BQ20Z40PW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Charge and Discharge Counting
Voltage
Current
Wake Function
Auto Calibration
Temperature
COMMUNICATIONS
SMBus On and Off State
bq20z40
SLUS801A – FEBRUARY 2009 – REVISED MARCH 2009................................................................................................................................................ www.ti.com
The integrating delta-sigma ADC measures the charge/discharge flow of the battery by measuring the voltage
drop across a small-value sense resistor between the SRP and SRN pins. The integrating ADC measures bipolar
signals from -0.25 V to 0.25 V. The bq20z40 detects charge activity when VSR = V(SRP) - V(SRN) is positive, and
discharge activity when VSR = V(SRP) - V(SRN) is negative. The bq20z40 continuously integrates the signal over
time, using an internal counter. The fundamental rate of the counter is 0.65 nVh.
The bq20z40 updates the individual series cell voltages through the bq29330 at one second intervals. The
bq20z40 configures the bq29330 to connect the selected cell, cell offset, or bq29330 VREF to the CELL pin of
the bq29330, which is required to be connected to VIN of the bq20z40. The internal ADC of the bq20z40
measures the voltage, scales it, and calibrates itself appropriately. This data is also used to calculate the
impedance of the cell for the Impedance Track™ gas-gauging.
The bq20z40 uses the SRP and SRN inputs to measure and calculate the battery charge and discharge current
using a 5 m
Ω to 20 mΩ typ. sense resistor.
The bq20z40 can exit sleep mode, if enabled, by the presence of a programmable level of current signal across
SRP and SRN.
The bq20z40 provides an auto-calibration feature to cancel the voltage offset error across SRP and SRN for
maximum charge measurement accuracy. The bq20z40 performs auto-calibration when the SMBus lines stay
low continuously for a minimum of a programmable amount of time.
The bq20z40 has an internal temperature sensor and inputs for 2 external temperature sensors, TS1 and TS2,
used in conjunction with two identical NTC thermistors (default are Semitec 103AT) to sense the battery
environmental temperature. The bq20z40 can be configured to use internal, or up to 2 external temperature
sensors.
The bq20z40 uses SMBus v1.1 with Master Mode and package error checking (PEC) options per the SBS
specification.
The bq20z40 detects an SMBus off state when SMBC and SMBD are logic-low for
≥ 2 seconds. Clearing this
state requires either SMBC or SMBD to transition high. Within 1 ms, the communication bus is available.
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq20z40


Similar Part No. - BQ20Z40PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z40PW TI1-BQ20Z40PW Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40PW-R1 TI-BQ20Z40PW-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40PWR TI1-BQ20Z40PWR Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40PWR-R1 TI-BQ20Z40PWR-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
More results

Similar Description - BQ20Z40PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ20Z90-V150 TI1-BQ20Z90-V150 Datasheet
300Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90DBTR-V150 TI-BQ20Z90DBTR-V150 Datasheet
274Kb / 15P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI-BQ20Z90_07 Datasheet
672Kb / 27P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40 TI1-BQ20Z40_17 Datasheet
294Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90 TI1-BQ20Z90_17 Datasheet
696Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z40-R1 TI-BQ20Z40-R1 Datasheet
249Kb / 16P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z90-V110 TI-BQ20Z90-V110 Datasheet
496Kb / 25P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70-V110 TI1-BQ20Z70-V110 Datasheet
405Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI-BQ20Z70 Datasheet
432Kb / 22P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK??TECHNOLOGY FOR USE WITH THE bq29330
BQ20Z70 TI1-BQ20Z70_17 Datasheet
786Kb / 17P
[Old version datasheet]   SBS 1.1-COMPLIANT GAS GAUGE ENABLED WITH IMPEDANCE TRACK TECHNOLOGY FOR USE WITH THE bq29330
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com