Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSB11LV01 Datasheet(PDF) 6 Page - Texas Instruments

Part # TSB11LV01
Description  3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB11LV01 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TSB11LV01 Datasheet HTML 2Page - Texas Instruments TSB11LV01 Datasheet HTML 3Page - Texas Instruments TSB11LV01 Datasheet HTML 4Page - Texas Instruments TSB11LV01 Datasheet HTML 5Page - Texas Instruments TSB11LV01 Datasheet HTML 6Page - Texas Instruments TSB11LV01 Datasheet HTML 7Page - Texas Instruments TSB11LV01 Datasheet HTML 8Page - Texas Instruments TSB11LV01 Datasheet HTML 9Page - Texas Instruments TSB11LV01 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TSB11LV01
3-V 1-PORT IEEE 1394-1995 CABLE TRANSCEIVER/ARBITER
SLLS232B – MARCH 1996 – REVISED MAY 1997
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
TYPE
DESCRIPTION
NAME
NO.
I/O
TYPE
DESCRIPTION
AGND
21, 23,
24, 26,
27
Supply
Analog circuit ground. The AGND terminals should be tied to the low-im-
pedance circuit board ground plane.
AVCC
22, 28,
29, 44
Supply
Analog circuit power. AVCC supplies power to the analog portion of the
device. It is recommended that a combination of high-frequency decoupling
capacitors be connected to AVCC (i.e., paralleled 0.1 µF and 0.001 µF).
Lower frequency 10-
µF filtering capacitors can also be used. These supply
pins are separated internally in the device to provide noise isolation. These
terminals should also be tied at a low-impedance point on the circuit board.
Individual filtering networks for each is desired.
C/LKON
3
I/O
CMOS
Bus manager capable (input). When set as an input, C/LKON is used to
specify in the Self-ID packet that the node is bus manager capable.
Link-on (output). When set as an output, C/LKON indicates the reception of
a link-on message by asserting a 6.114-MHz signal. The bit value program-
ming is done by tying the terminal through a 10-k
Ω resistor to VCC (high) or
to GND (low). Using either the pullup or pulldown resistor allows the LKON
output to override the input value when necessary.
CNA
1
O
CMOS
Cable not active. CNA is asserted high when the TSB11LV01 port is not
connected to another active port.
CPS
30
I
CMOS
Cable power status. CPS is normally connected to the cable power through
a 400-k
Ω resistor. This circuit drives an internal comparator that detects the
presence of cable power. This information is maintained in two internal
registers and is available to the link by way of a register read. See the Phy-
Link Interface Application Note in the IEEE 1394-1995 standard.
CTL0, CTL1
8, 9
I/O
CMOS
Control I/O. The CTL terminals are bidirectional communications control
signals between the TSB11LV01 and the link. These signals control the
passage of information between the two devices.
D0, D1
10, 11
I/O
CMOS
Data I/O. The D terminals are bidirectional and pass data between the
TSB11LV01 and the link.
DGND
13, 15,
17, 19,
20,
Supply
Digital circuit ground. The DGND terminals should be tied to the low-imped-
ance circuit board ground plane.
DVCC
14, 18,
45
Supply
Digital circuit power. DVCC supplies power to the digital portion of the de-
vice. It is recommended that a combination of high-frequency decoupling
capacitors be connected to DVCC (i.e., paralleled 0.1 µF and 0.001 µF).
Lower frequency 10-
µF filtering capacitors can also be used. These supply
pins are separated internally in the device to provide noise isolation. These
terminals should also be tied at a low-impedance point on the circuit board.
Individual filtering networks for each is desired.
BIAS–5V
16
Supply
5 V bias. BIAS-5V should be connected to the link VCC supply when a 5-V
link is connected to the phy. When a 3-V link is used, BIAS-5V should be
connected to the phy DVCC.
LPS
2
I
CMOS
Link power status. This terminal is connected to either the VCC supplying
the link or to a pulsed output that is active when the link is powered for the
purpose of monitoring the link’s power status. When this input is low for
more than 2.56
µs, then the link is considered powered down. When this
input is high for more than 80 ns, then the link is considered powered up. If
the link is not powered, the phy–link interface is disabled, and the
TSB11LV01 performs only the basic repeater functions required for network
initialization and operation.
LREQ
7
I
CMOS
Link request. LREQ is an input from the link that signals the TSB11LV01 of
a request to perform some service.


Similar Part No. - TSB11LV01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSB11 ETC1-TSB11 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSB1132 TSC-TSB1132 Datasheet
44Kb / 3P
   Low Frequency PNP Transistor
TSB1132 TSC-TSB1132 Datasheet
198Kb / 4P
   Low Vcesat PNP Transistor
TSB1132CY TSC-TSB1132CY Datasheet
44Kb / 3P
   Low Frequency PNP Transistor
TSB1132CYRM TSC-TSB1132CYRM Datasheet
198Kb / 4P
   Low Vcesat PNP Transistor
More results

Similar Description - TSB11LV01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB21LV03 TI-TSB21LV03 Datasheet
522Kb / 38P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB21LV03C TI-TSB21LV03C Datasheet
393Kb / 29P
[Old version datasheet]   IEEE 1394-1995 TRIPLE-CABLE TRANSCEIVER/ARBITER
TSB14C01 TI-TSB14C01 Datasheet
442Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB14C01A TI-TSB14C01A Datasheet
424Kb / 31P
[Old version datasheet]   5-V IEEE 1394-1995 BACKPLANE TRANSCEIVER/ARBITER
TSB41LV04A TI-TSB41LV04A Datasheet
625Kb / 49P
[Old version datasheet]   IEEE 1394a FOUR-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A TI1-TSB41BA3A_16 Datasheet
222Kb / 11P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI-TSB41BA3D Datasheet
875Kb / 59P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3D TI1-TSB41BA3D_14 Datasheet
754Kb / 60P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3A-EP TI1-TSB41BA3A-EP_14 Datasheet
768Kb / 69P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
TSB41BA3B-EP TI1-TSB41BA3B-EP Datasheet
1,023Kb / 67P
[Old version datasheet]   IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER  
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com