Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMP6A17KTC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP6A17KTC
Description  60V P-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP6A17KTC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP6A17KTC Datasheet HTML 1Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 2Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 3Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 4Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 5Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 6Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 7Page - Diodes Incorporated ZXMP6A17KTC Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXMP6A17K
Document Revision: 2
2 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMP6A17K
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source voltage
VDSS
-60
V
Gate-Source voltage
VGS
±20
V
Continuous Drain current
VGS = 10V
(Note 3)
ID
6.6
A
TA=70°C (Note 3)
5.3
(Note 2)
4.4
Pulsed Drain current
VGS= 10V
(Note 4)
IDM
20.3
A
Continuous Source current (Body diode)
(Note 3)
IS
9.3
A
Pulsed Source current (Body diode)
(Note 4)
ISM
20.3
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power dissipation
Linear derating factor
(Note 2)
PD
4.17
33.3
W
mW/
°C
(Note 3)
9.25
74.0
(Note 5)
2.11
16.8
Thermal Resistance, Junction to Ambient
(Note 2)
RθJA
30.0
°C/W
(Note 3)
13.5
(Note 5)
59.1
Thermal Resistance, Junction to Lead
(Note 6)
RθJL
2.41
Operating and storage temperature range
TJ, TSTG
-55 to 150
°C
Notes:
2. For a device surface mounted on 50mm x 50mm x 1.6mm FR4 PCB with high coverage of single sided 2oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
3. Same as note 2, except the device is measured at t
≤ 10 sec.
4. Same as note 2, except the device is pulsed with D = 0.02 and pulse width 300 µs. The pulse current is limited by the maximum junction temperature.
5. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
6. Thermal resistance from junction to solder-point (at the end of the drain lead).


Similar Part No. - ZXMP6A17KTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17K DIODES-ZXMP6A17K_15 Datasheet
690Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - ZXMP6A17KTC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXMP6A17N8 DIODES-ZXMP6A17N8_15 Datasheet
672Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A17E6 DIODES-ZXMP6A17E6 Datasheet
671Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A18K DIODES-ZXMP6A18K Datasheet
589Kb / 8P
   60V P-channel enhancement mode MOSFET
logo
Cystech Electonics Corp...
MTP2311M3 CYSTEKEC-MTP2311M3 Datasheet
297Kb / 9P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6180SK3 DIODES-DMP6180SK3 Datasheet
194Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9433A PANJIT-PJL9433A Datasheet
440Kb / 7P
   60V P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP6023LE DIODES-DMP6023LE_15 Datasheet
362Kb / 7P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SE DIODES-DMP6185SE_15 Datasheet
294Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6185SK3 DIODES-DMP6185SK3_15 Datasheet
323Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP6250SE DIODES-DMP6250SE_15 Datasheet
370Kb / 6P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
ZXMP6A13F DIODES-ZXMP6A13F_15 Datasheet
322Kb / 8P
   60V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com