Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLDO1117G50TA Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZLDO1117G50TA
Description  1A Low Dropout Positive Regulator 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5.0V and Adjustable outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLDO1117G50TA Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZLDO1117G50TA Datasheet HTML 3Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 4Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 5Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 6Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 7Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 8Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 9Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 10Page - Diodes Incorporated ZLDO1117G50TA Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ZLDO1117
Issue 1
7 of 12
June 2009
www.diodes.com
©Diodes Incorporated
Thermal resistances from tab to ambient can be as low as 30°C/W. The total thermal resistance from junction to
ambient can be as low as 42~46°C/W. This requires a reasonable sized PCB with at least one layer of copper to
spread the heat across the board and couple it into the surrounding air. Datasheet specifications using 2 oz
copper and a 5mmx5mm pad with TA=27°C, no air flow yielded θJA (junction to tab) of 73°C/W and 107°C/W for
TO-252 and SOT223 respectively.
The thermal resistance for each application will be affected by thermal interactions with other components on
the board. Some experimentation will be necessary to determine the actual value.
Ripple Rejection
When using the ZLDO1117 adjustable device the adjust terminal can be bypassed to improve ripple rejection.
When the adjust terminal is bypassed the required value of the output capacitor increases.
The device will require an output capacitor of 22µF tantalum or 150µF aluminum electrolytic when the adjust pin
is bypassed. Normally, capacitor values on the order of 100µF are used in the output of many regulators to
ensure good load transient response with large load current changes. Output capacitance can be increased
without limit and larger values of output capacitance further improve stability and transient response.
The curves for Ripple Rejection were generated using an adjustable device with the adjust pin bypassed. These
curves will hold true for all values of output voltage. For proper bypassing, and ripple rejection approaching the
values shown, the impedance of the adjust pin capacitor, at the ripple frequency, should be < R1. R1 is normally
in the range of 100
Ω to 200Ω. The size of the required adjust pin capacitor is a function of the input ripple
frequency. At 120Hz, with R1 = 100
Ω, the adjust pin capacitor should be >13µF. At 10kHz only 0.16µF is
needed.
For fixed voltage devices, and adjustable devices without an adjust pin capacitor, the output ripple will increase
as the ratio of the output voltage to the reference voltage (VOUT/VREF). For example, with the output voltage
equal to 5V, the output ripple will be increased by the ratio of 5V/1.25V. It will increase by a factor of four. Ripple
rejection will be degraded by 12dB from the value shown on the curve.


Similar Part No. - ZLDO1117G50TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
ZLDO1117Q DIODES-ZLDO1117Q Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG12TA DIODES-ZLDO1117QG12TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG15TA DIODES-ZLDO1117QG15TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
ZLDO1117QG18TA DIODES-ZLDO1117QG18TA Datasheet
684Kb / 14P
   AUTOMOTIVE COMPLIANT 1A LOW DROPOUT POSITIVE REGULATOR WITH FIXED AND ADJUSTABLE OUTPUTS
More results

Similar Description - ZLDO1117G50TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117_10 Datasheet
299Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.2V,1.8V, 2.5V, 2.85V, 3.3V and 5V
logo
Texas Instruments
REG1117 TI-REG1117_08 Datasheet
628Kb / 22P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_07 Datasheet
946Kb / 35P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Texas Instruments
REG1117A TI1-REG1117A Datasheet
856Kb / 23P
[Old version datasheet]   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Burr-Brown (TI)
REG1117 BURR-BROWN-REG1117_1 Datasheet
667Kb / 23P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
REG1117 BURR-BROWN-REG1117 Datasheet
257Kb / 17P
   800mA and 1A Low Dropout Positive Regulator 1.8V, 2.5V, 2.85, 3.3V, 5V, and Adjustable
logo
Anpec Electronics Corop...
APL1117 ANPEC-APL1117 Datasheet
156Kb / 18P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V and 3.3V
logo
Richtek Technology Corp...
RT8008-12GB RICHTEK-RT8008-12GB Datasheet
388Kb / 14P
   1.0V, 1.2V, 1.5V, 1.8V, 2.5V and 3.3V Fixed/Adjustable Output Voltage
logo
List of Unclassifed Man...
HPL1117 ETC-HPL1117 Datasheet
204Kb / 19P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V, 2.85V, 3.3V and 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com