Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ZXMN6A08K Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. ZXMN6A08K
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

   
 1 page
background image
ZXMN6A08K
Document Revision: 2
1 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXMN6A08K
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = 25°C
60V
80m
Ω @ VGS= 10V
7.90A
150m
Ω @ VGS= 4.5V
5.75A
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Backlighting
DC-DC Converters
Power management functions
Features and Benefits
Low on-resistance
Fast switching speed
“Green” component and RoHS compliant (Note 1)
Mechanical Data
Case: TO-252
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0 (Note 1)
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals Connections: See Diagram
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.33 grams (approximate)
Ordering Information (Note 1)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
ZXMN6A08KTC
See Below
13
16
2,500
Note:
1. Diodes, Inc. defines “Green” products as those which are Eu RoHS compliant and contain no halogens or antimony compounds; further information
about Diodes Inc.’s “Green” Policy can be found on our website. For packaging details, go to our website.
Marking Information
TOP VIEW
PIN OUT -TOP VIEW
D
S
G
Equivalent Circuit
GS
D
D
ZXMN = Product Type Marking Code, Line 1
6A08 = Product Type Marking Code, Line 2
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-52)
YYWW
ZXMN
6A08
Please click here to visit our online spice models database.




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl