Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77301DGK Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS77301DGK
Description  250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77301DGK Datasheet(HTML) 3 Page - Texas Instruments

  TPS77301DGK Datasheet HTML 1Page - Texas Instruments TPS77301DGK Datasheet HTML 2Page - Texas Instruments TPS77301DGK Datasheet HTML 3Page - Texas Instruments TPS77301DGK Datasheet HTML 4Page - Texas Instruments TPS77301DGK Datasheet HTML 5Page - Texas Instruments TPS77301DGK Datasheet HTML 6Page - Texas Instruments TPS77301DGK Datasheet HTML 7Page - Texas Instruments TPS77301DGK Datasheet HTML 8Page - Texas Instruments TPS77301DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
TPS77301, TPS77318, TPS77327, TPS77328, TPS77333 WITH RESET OUTPUT
TPS77401, TPS77418, TPS77427, TPS77428, TPS77433 WITH POWER GOOD OUTPUT
250-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
SLVS281A – FEBRUARY 2000 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
OUT
SENSE
6
5
3
IN
IN
EN
GND
4
7
1
VI
0.1
µF
10
µF
+
OUT
8
VO
PG or RESET Output
PG or
RESET
2
Figure 1. Typical Application Configuration (For Fixed Output Options)
functional block diagram—adjustable version
220 ms Delay
(for TPS773xx Option)
_
+
Vref = 1.1834 V
OUT
FB/SENSE
EN
GND
PG or RESET
_
+
IN
External to the device
R1
R2


Similar Part No. - TPS77301DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77301DGK TI-TPS77301DGK Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301DGK TI-TPS77301DGK Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301DGK TI1-TPS77301DGK Datasheet
7Mb / 36P
[Old version datasheet]   MSP-EXP430F5529 Experimenter Board
TPS77301DGK TI1-TPS77301DGK Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301DGKG4 TI1-TPS77301DGKG4 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results

Similar Description - TPS77301DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77101 TI-TPS77101 Datasheet
357Kb / 23P
[Old version datasheet]   150-mA LDO REGULATORS WITH INTEGRATED RESET OR PG
TPS77901 TI1-TPS77901_16 Datasheet
856Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77918DGKR TI-TPS77918DGKR Datasheet
619Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901 Datasheet
334Kb / 20P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
TPS77901 TI-TPS77901_15 Datasheet
622Kb / 22P
[Old version datasheet]   250-mA LDO REGULATOR WITH INTEGRATED RESET IN A MSOP8 PACKAGE
logo
ON Semiconductor
NCV8508PD50 ONSEMI-NCV8508PD50 Datasheet
274Kb / 26P
   5.0 V, 250 mA LDO with Watchdog and RESET
October, 2007 - Rev. 25
NCV8508 ONSEMI-NCV8508 Datasheet
89Kb / 12P
   5.0 V, 250 mA LDO with Watchdog and RESET
August, 2004 ??Rev. 20
logo
Texas Instruments
TPS77301 TI1-TPS77301_16 Datasheet
883Kb / 25P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77301 TI-TPS77301_08 Datasheet
518Kb / 26P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
TPS77350 TI-TPS77350 Datasheet
347Kb / 24P
[Old version datasheet]   250-mA LDO REGULATORS WITH 8-PIN MSOP PACKAGING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com