Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN3024LSS-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN3024LSS-13
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3024LSS-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN3024LSS-13 Datasheet HTML 1Page - Diodes Incorporated DMN3024LSS-13 Datasheet HTML 2Page - Diodes Incorporated DMN3024LSS-13 Datasheet HTML 3Page - Diodes Incorporated DMN3024LSS-13 Datasheet HTML 4Page - Diodes Incorporated DMN3024LSS-13 Datasheet HTML 5Page - Diodes Incorporated DMN3024LSS-13 Datasheet HTML 6Page - Diodes Incorporated DMN3024LSS-13 Datasheet HTML 7Page - Diodes Incorporated DMN3024LSS-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DMN3024LSS
Document Revision: 3
2 of 8
www.diodes.com
July 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN3024LSS
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source voltage
VDSS
30
V
Gate-Source voltage
VGS
±20
V
Continuous Drain current
VGS = 10V
(Note 3)
ID
8.5
A
TA = 70°C (Note 3)
6.8
(Note 2)
6.4
Pulsed Drain current
VGS= 10V
(Note 4)
IDM
36
A
Continuous Source current (Body diode)
(Note 3)
IS
4.5
A
Pulsed Source current (Body diode)
(Note 4)
ISM
36
A
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Power dissipation
Linear derating factor
(Note 2)
PD
1.6
12.5
W
mW/
°C
(Note 3)
2.8
22.2
Thermal Resistance, Junction to Ambient
(Note 2)
RθJA
80
°C/W
(Note 3)
45
Thermal Resistance, Junction to Lead
(Note 5)
RθJL
35
°C/W
Operating and storage temperature range
TJ, TSTG
-55 to 150
°C
Notes:
2. For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions; the device is
measured when operating in a steady-state condition.
3. Same as note (2), except the device is measured at t
≤ 10 sec.
4. Same as note (2), except the device is pulsed with D= 0.02 and pulse width 300 µs. The pulse current is limited by the maximum junction temperature.
5. Thermal resistance from junction to solder-point (at the end of the drain lead): the device is operating in a steady-state condition.


Similar Part No. - DMN3024LSS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN3024LSS DIODES-DMN3024LSS_15 Datasheet
311Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMN3024LSS-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com