Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS77633 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS77633
Description  FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS77633 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS77633 Datasheet HTML 7Page - Texas Instruments TPS77633 Datasheet HTML 8Page - Texas Instruments TPS77633 Datasheet HTML 9Page - Texas Instruments TPS77633 Datasheet HTML 10Page - Texas Instruments TPS77633 Datasheet HTML 11Page - Texas Instruments TPS77633 Datasheet HTML 12Page - Texas Instruments TPS77633 Datasheet HTML 13Page - Texas Instruments TPS77633 Datasheet HTML 14Page - Texas Instruments TPS77633 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
TPS77501, TPS77515, TPS77518, TPS77525, TPS77533 WITH RESET OUTPUT
TPS77601, TPS77615, TPS77618, TPS77625, TPS77628, TPS77633 WITH PG OUTPUT
FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS232B – SEPTEMBER 1999 – REVISED NOVEMBER 1999
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
TA – Free-Air Temperature – °C
TPS77x15
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
1.515
1.500
1.485
–40
0
1.510
1.505
1.495
–20
100
–60
120
1.490
20
40
60
80
VI = 2.7 V
IO = 500 mA
IO = 1 mA
140
Figure 7
TA – Free-Air Temperature – °C
TPS77x25
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
–40
0
–20
100
–60
120
20
40
60
80
2.515
2.500
2.480
2.510
2.505
2.495
2.490
2.485
VI = 3.5 V
IO = 500 mA
IO = 1 mA
Figure 8
TA – Free-Air Temperature – °C
TPS77xxx
GROUND CURRENT
vs
FREE-AIR TEMPERATURE
–40
0
–20
100
–60
120
20
40
60
80
140
VI = 2.7 V
100
95
90
85
80
75
IO = 1 mA
IO = 500 mA
Figure 9
100k
10k
f – Frequency – Hz
POWER SUPPLY RIPPLE REJECTION
vs
FREQUENCY
70
60
50
40
30
20
10
0
–10
TPS77x33
90
80
1k
100
10
1M
VI = 4.3 V
CO = 10 µF
TA = 25°C


Similar Part No. - TPS77633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77633 TI1-TPS77633 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77633 TI1-TPS77633 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77633-EP TI1-TPS77633-EP Datasheet
1Mb / 31P
[Old version datasheet]   TPS775xx with RESET Output, TPS776xx with PG Output FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77633-EP TI1-TPS77633-EP Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77633-EP TI1-TPS77633-EP Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS77633

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS77501-Q1 TI1-TPS77501-Q1_16 Datasheet
602Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP Datasheet
790Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP Datasheet
839Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-EP TI1-TPS77501-EP_16 Datasheet
773Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77601-EP TI1-TPS77601-EP_16 Datasheet
1,015Kb / 25P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77501-Q1 TI1-TPS77501-Q1 Datasheet
584Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI-TPS77701 Datasheet
304Kb / 21P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77701 TI1-TPS77701_16 Datasheet
857Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS77818DR TI-TPS77818DR Datasheet
830Kb / 26P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 750-mA LOW-DROPOUT LINEAT REGULATORS
TPS775XX TI-TPS775XX Datasheet
807Kb / 28P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 500mA LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com