Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1400 Datasheet(PDF) 11 Page - Texas Instruments

Part # TRF1400
Description  RF TELEMETRY RECEIVERS VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1400 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TRF1400 Datasheet HTML 7Page - Texas Instruments TRF1400 Datasheet HTML 8Page - Texas Instruments TRF1400 Datasheet HTML 9Page - Texas Instruments TRF1400 Datasheet HTML 10Page - Texas Instruments TRF1400 Datasheet HTML 11Page - Texas Instruments TRF1400 Datasheet HTML 12Page - Texas Instruments TRF1400 Datasheet HTML 13Page - Texas Instruments TRF1400 Datasheet HTML 14Page - Texas Instruments TRF1400 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TRF1400
RF TELEMETRY RECEIVERS
VHF/UHF RZ ASK REMOTE CONTROL RECEIVER
SLWS014E – JUNE 1996 – REVISED APRIL 1998
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Table 3. TRF1400 LNA2 S Parameters
FREQ
(MHz)
|S11|
∠ S11
|S21|
∠ S21
|S12|
∠ S12
|S22|
∠ S22
300
0.9607
–26.6188
4.8712
100.9061
0.0078
122.6680
0.6534
–24.4258
304
0.9655
–27.1490
4.8380
99.8060
0.0057
65.9066
0.6555
–24.5020
310
0.9554
–27.4384
4.7870
97.8264
0.0030
137.0205
0.6567
–25.1169
315
0.9612
–27.8929
4.7239
96.5227
0.0014
31.2221
0.6572
–24.8942
318
0.9615
–28.4482
4.7065
95.5964
0.0047
109.2950
0.6571
–25.0606
390
0.9461
–33.8905
3.9755
76.2949
0.0054
48.3449
0.6803
–28.0870
418
0.9389
–35.8847
3.7411
69.8410
0.0041
–119.9136
0.6811
–29.5353
434
0.9406
–36.8175
3.6130
66.0262
0.0046
102.9654
0.6839
–30.4657
NOTE 5: Input at RFIN2, output at RFOUT2, ZO = 50 Ω, Rbias = 1.2 kΩ
Table 4. TRF1400 RSSI S Parameters
FREQ.
(MHz)
|S11|
∠ S11
300
0.7937
–23.6001
304
0.7895
–24.0484
310
0.7923
–24.4377
315
0.7931
–24.5069
318
0.7934
–24.8835
390
0.7851
–30.0440
418
0.7736
–31.2657
434
0.7805
–32.5896
NOTE 6: Input at RFIN3, ZO= 50 Ω


Similar Part No. - TRF1400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF1400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3201T PHILIPS-UAA3201T Datasheet
162Kb / 20P
   UHF/VHF remote control receiver
2000 Apr 18
logo
ATMEL Corporation
ATA5744 ATMEL-ATA5744 Datasheet
315Kb / 20P
   UHF ASK Receiver
T5744 ATMEL-T5744 Datasheet
257Kb / 19P
   UHF ASK Receiver
logo
Princeton Technology Co...
RX3310A PTC-RX3310A Datasheet
407Kb / 6P
   UHF ASK Receiver
logo
Radiometrix Ltd
RXM-UHF RADIOMETRIX-RXM-UHF Datasheet
178Kb / 9P
   UHF Radio Telemetry Receiver Module
SILRX-418-5 RADIOMETRIX-SILRX-418-5 Datasheet
527Kb / 11P
   UHF Radio Telemetry Receiver Module
logo
ATMEL Corporation
U3742BM ATMEL-U3742BM Datasheet
541Kb / 32P
   UHF ASK/FSK RECEIVER
ATA3741 ATMEL-ATA3741 Datasheet
481Kb / 31P
   UHF ASK Receiver IC
ATA5743 ATMEL-ATA5743 Datasheet
763Kb / 43P
   UHF ASK/FSK Receiver
ATA5721 ATMEL-ATA5721 Datasheet
102Kb / 6P
   UHF ASK/FSK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com