Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1020PFB Datasheet(PDF) 3 Page - Texas Instruments

Part # TRF1020PFB
Description  GSM RECEIVER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1020PFB Datasheet(HTML) 3 Page - Texas Instruments

  TRF1020PFB Datasheet HTML 1Page - Texas Instruments TRF1020PFB Datasheet HTML 2Page - Texas Instruments TRF1020PFB Datasheet HTML 3Page - Texas Instruments TRF1020PFB Datasheet HTML 4Page - Texas Instruments TRF1020PFB Datasheet HTML 5Page - Texas Instruments TRF1020PFB Datasheet HTML 6Page - Texas Instruments TRF1020PFB Datasheet HTML 7Page - Texas Instruments TRF1020PFB Datasheet HTML 8Page - Texas Instruments TRF1020PFB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TRF1020
GSM RECEIVER
SLWS028B – MAY 1998 – REVISED SEPTEMBER 1998
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
External
LPF
2nd LO
From Modulator
(MIX2_LO)
2nd IF
Amplifier
1st IF
Amplifier
External
IF BPF
RF Mixer
0
°
90
°
Buffer
2nd
VCO
Buffer
I /Q Mixer
Buffer
Buffer
External
Tank
IQMIX_Q +
SYNTH
Loop Filter
Divide
-by-Four
To SYNTH
(OS2_DIV4)
To SYNTH
(OS2_SYN)
External
RF BPF
Serial Interface
LNA
IQMIX_Q –
IF2_IN+
IF2_IN–
MIX2_IF–
MIX2_IF+
IQMIX_I +
IQMIX_I –
IF1_IN+
IF1_IN–
19
MIX1_RF
16
LNA_OUT
39
41
48
2
1
38
5
4
36
14
LNA_IN
78
9
10
11
12
20
21
31
30
34
35
43
44
Buffer
Buffer
÷ 4
IF Mixer
1st LO in
(OS1_EMIT)
Buffer
Buffer
To SYNTH
(OS1_SYN)
29
Buffer
To Transmit
Modulator
(OS1_MOD)
28
24
MIX1_IF–
MIX1_IF+
OS2_BASE
OS2_EMIT


Similar Part No. - TRF1020PFB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF1020PFB

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2407 SIEMENS-PMB2407 Datasheet
673Kb / 3P
   GSM Receiver PCN/PCS Receiver
PMB2400 SIEMENS-PMB2400 Datasheet
503Kb / 15P
   GSM RECEIVER CIRCUIT
PMB2401 SIEMENS-PMB2401 Datasheet
670Kb / 23P
   GSM Receiver Circuit
PMB2402 SIEMENS-PMB2402 Datasheet
716Kb / 21P
   GSM Receiver Circuit
logo
RF Micro Devices
RF2722 RFMD-RF2722_1 Datasheet
348Kb / 26P
   GSM/GPRS/EDGE RECEIVER
logo
Analog Devices
AD6650 AD-AD6650_17 Datasheet
755Kb / 45P
   GSM/EDGE Narrow-Band Receiver
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6650 AD-AD6650 Datasheet
594Kb / 28P
   Diversity IF to Baseband GSM/EDGE Narrowband Receiver
PrJ 02/27/03
AD6650 AD-AD6650_07 Datasheet
1Mb / 44P
   AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com