Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76650D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76650D
Description  ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76650D Datasheet(HTML) 2 Page - Texas Instruments

  TPS76650D Datasheet HTML 1Page - Texas Instruments TPS76650D Datasheet HTML 2Page - Texas Instruments TPS76650D Datasheet HTML 3Page - Texas Instruments TPS76650D Datasheet HTML 4Page - Texas Instruments TPS76650D Datasheet HTML 5Page - Texas Instruments TPS76650D Datasheet HTML 6Page - Texas Instruments TPS76650D Datasheet HTML 7Page - Texas Instruments TPS76650D Datasheet HTML 8Page - Texas Instruments TPS76650D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TPS76615, TPS76618, TPS76625, TPS76627
TPS76628, TPS76630, TPS76633, TPS76650, TPS76601
ULTRA LOW QUIESCENT CURRENT 250-mA LOW-DROPOUT VOLTAGE REGULATORS
SLVS237 – AUGUST 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
Power good (PG) is an active high output, which can be used to implement a power-on reset or a low-battery
indicator.
The TPS766xx is offered in 1.5-V, 1.8-V, 2.5-V, 2.7-V, 2.8-V, 3.0-V, 3.3-V and 5.0-V fixed-voltage versions and
in an adjustable version (programmable over the range of 1.25 V to 5.5 V). Output voltage tolerance is specified
as a maximum of 3% over line, load, and temperature ranges. The TPS766xx family is available in 8 pin SOIC
package.
AVAILABLE OPTIONS
TJ
OUTPUT VOLTAGE
(V)
PACKAGED DEVICES
TJ
TYP
SOIC
(D)
5.0
TPS76650D
3.3
TPS76633D
3.0
TPS76630D
2.8
TPS76628D
– 40
°Cto125°C
2.7
TPS76627D
–40 C to 125 C
2.5
TPS76625D
1.8
TPS76618D
1.5
TPS76615D
Adjustable
1.25 V to 5.5 V
TPS76601D
The TPS76601 is programmable using an external resistor divider (see application
information). The D package is available taped and reeled. Add an R suffix to the
device type (e.g., TPS76601DR).
† See application information section for capacitor selection details.
PG
OUT
OUT
6
5
4
IN
IN
EN
GND
3
2
7
8
VI
0.1
µF
PG
VO
4.7
µF
+
TPS766xx
CO†
1
NC/FB
300 m
Figure 1. Typical Application Configuration for Fixed Output Options


Similar Part No. - TPS76650D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76650D TI1-TPS76650D Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76650D TI1-TPS76650D Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76650D TI1-TPS76650D Datasheet
2Mb / 44P
[Old version datasheet]   TPS766 250-mA, 16-V Low-Dropout Voltage Regulator
REVISED DECEMBER 2023
TPS76650DG4 TI1-TPS76650DG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76650DG4 TI1-TPS76650DG4 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - TPS76650D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76615 TI-TPS76615_15 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76615 TI1-TPS76615_16 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76601 TI1-TPS76601_13 Datasheet
1Mb / 24P
[Old version datasheet]   ULTRALOW QUIESCENT CURRENT 250-mA LOW DROPOUT VOLTAGE REGULATORS
TPS76515 TI-TPS76515 Datasheet
266Kb / 18P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS76515 TI1-TPS76515_16 Datasheet
1Mb / 27P
[Old version datasheet]   ULTRA-LOW QUIESCIENT CURRENT 150-mA LOW-DROPOUT VOLTAGE REGULATORS
TPS79901-Q1 TI1-TPS79901-Q1 Datasheet
759Kb / 19P
[Old version datasheet]   200 mA, LOW QUIESCENT CURRENT, ULTRA-LOW NOISE HIGH PSRR, LOW DROPOUT, LINEAR REGULATORS
logo
Motorola, Inc
MC78LC00 MOTOROLA-MC78LC00 Datasheet
117Kb / 8P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
logo
ON Semiconductor
MC78LC00 ONSEMI-MC78LC00 Datasheet
104Kb / 14P
   MICROPOWER ULTRA-LOW QUIESCENT CURRENT VOLTAGE REGULATORS
March, 2005 ??Rev. 8
logo
Microchip Technology
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
   250 mA, 16V, Low Quiescent Current
12/08/06
MCP1703 MICROCHIP-MCP1703 Datasheet
396Kb / 24P
   250 mA, 16V, Low Quiescent Current
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com