Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF1015DB Datasheet(PDF) 5 Page - Texas Instruments

Part # TRF1015DB
Description  RF DOWNCONVERTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF1015DB Datasheet(HTML) 5 Page - Texas Instruments

  TRF1015DB Datasheet HTML 1Page - Texas Instruments TRF1015DB Datasheet HTML 2Page - Texas Instruments TRF1015DB Datasheet HTML 3Page - Texas Instruments TRF1015DB Datasheet HTML 4Page - Texas Instruments TRF1015DB Datasheet HTML 5Page - Texas Instruments TRF1015DB Datasheet HTML 6Page - Texas Instruments TRF1015DB Datasheet HTML 7Page - Texas Instruments TRF1015DB Datasheet HTML 8Page - Texas Instruments TRF1015DB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TRF1015
RF DOWNCONVERTER
SLWS021D– JUNE 1996 – REVISED JULY 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at 881 MHz, TA = 25°C, LO = 926 MHz, VCC = 3.75 V; measured in
recommended application circuit board (see Application Information) (continued)
VCO
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Auxiliary LO output power
RL = 50 Ω
–11
dBm
Phase noise
Offset = 60 kHz
–114
dBc/Hz
Harmonics
–20
dBc
standby mode requirements over recommended operating free-air temperature range and
VCC = 3.75 V; (PD1 = L, PD2 = L)
MIN
TYP
MAX
UNIT
LNA
28
100
µA
RF mixer and buffer amplifier
100
µA
VCO
100
µA
low current mode requirements over recommended operating free-air temperature range and
VCC = 3.75 V; (PD1 = H, PD2 = H)
MIN
TYP
MAX
UNIT
LNA
2
3
mA
RF mixer and buffer amplifier
14
17
mA
VCO
4
5
mA
improved compression mode requirements over recommended operating free-air temperature
range and VCC = 3.75 V; (PD1 = L, PD2 = H)
MIN
TYP
MAX
UNIT
LNA
5
7
mA
RF mixer and buffer amplifier
15
19
mA
VCO
3.75
4.5
mA


Similar Part No. - TRF1015DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRF10-010V15-EF ETC-TRF10-010V15-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-020V09-EF ETC-TRF10-020V09-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-035V06-EF ETC-TRF10-035V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-050V06-EF ETC-TRF10-050V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
TRF10-075V06-EF ETC-TRF10-075V06-EF Datasheet
249Kb / 6P
   Lead Free SMD Resettable Fuse
More results

Similar Description - TRF1015DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF4000 TI-TRF4000 Datasheet
102Kb / 8P
[Old version datasheet]   PCS RF DOWNCONVERTER
logo
Analog Devices
ADSST-GPSRF01 AD-ADSST-GPSRF01_15 Datasheet
336Kb / 16P
   GPS RF Downconverter
REV. 0
logo
Mitel Networks Corporat...
SL1710 MITEL-SL1710 Datasheet
508Kb / 12P
   Quadrature Downconverter
SL1711 MITEL-SL1711 Datasheet
566Kb / 20P
   Quadrature Downconverter
logo
Intersil Corporation
HSP50214BVC INTERSIL-HSP50214BVC Datasheet
2Mb / 62P
   Programmable Downconverter
May 1, 2007
HSP50214B INTERSIL-HSP50214B_07 Datasheet
1Mb / 62P
   Programmable Downconverter
logo
Renesas Technology Corp
HSP50214B RENESAS-HSP50214B Datasheet
2Mb / 62P
   Programmable Downconverter
logo
Intersil Corporation
HSP50214A INTERSIL-HSP50214A Datasheet
467Kb / 60P
   Programmable Downconverter
HSP50214B INTERSIL-HSP50214B Datasheet
573Kb / 60P
   Programmable Downconverter
logo
Maxim Integrated Produc...
MAX2411A MAXIM-MAX2411A Datasheet
134Kb / 14P
   Low-Cost RF Up/Downconverter with LNA and PA Driver
19-1324; Rev 1; 2/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com