Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76333 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS76333
Description  LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS76333 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS76333 Datasheet HTML 3Page - Texas Instruments TPS76333 Datasheet HTML 4Page - Texas Instruments TPS76333 Datasheet HTML 5Page - Texas Instruments TPS76333 Datasheet HTML 6Page - Texas Instruments TPS76333 Datasheet HTML 7Page - Texas Instruments TPS76333 Datasheet HTML 8Page - Texas Instruments TPS76333 Datasheet HTML 9Page - Texas Instruments TPS76333 Datasheet HTML 10Page - Texas Instruments TPS76333 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
TPS76301, TPS76316, TPS76318, TPS76325, TPS76327
TPS76328, TPS76330, TPS76333, TPS76338, TPS76350
LOW POWER 150mA LOW DROPOUT LINEAR REGULATORS
SLVS181H − DECEMBER 1998 − REVISED JANUARY 2004
www.ti.com
7
TYPICAL CHARACTERISTICS
Figure 1
IO − Output Current − mA
TPS76325
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
2.5
2.485
2.475
30
90
2.495
2.49
2.48
60
120
180
2.505
0
150
VI = 3.5 V
CI = CO = 4.7 µF
TJ = 25°C
Figure 2
IO − Output Current − mA
1.795
1.780
1.770
30
90
1.790
1.785
1.775
60
120
180
1.805
0
150
TPS76318
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
1.800
VI = 3.5 V
CI = CO = 4.7 µF
TJ = 25°C
Figure 3
IO − Output Current − mA
TPS76350
OUTPUT VOLTAGE
vs
OUTPUT CURRENT
5
4.97
4.95
30
90
4.99
4.98
4.96
60
120
180
5.01
0
150
VI = 6 V
CI = CO = 4.7 µF
TJ = 25°C
Figure 4
TJ − Junction Temperature − °C
TPS76325
OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
2.49
2.47
−35
5
2.5
2.48
−15
25
125
2.53
−55
45
65
2.51
2.52
85
105
IO = 150 mA
IO = 1 mA
VI = 3.5 V
CI = CO = 4.7 µF


Similar Part No. - TPS76333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76333DBVR TI1-TPS76333DBVR Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
logo
TECH PUBLIC Electronics...
TPS76333DBVR-TP TECHPUBLIC-TPS76333DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76333DBVR-TP TECHPUBLIC-TPS76333DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76333DBVR-TP TECHPUBLIC-TPS76333DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
TPS76333DBVR-TP TECHPUBLIC-TPS76333DBVR-TP Datasheet
2Mb / 7P
   12V,150mA, 2uA, Higt PSRR Voltage Reaulator
More results

Similar Description - TPS76333

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76430DBVTG4 TI-TPS76430DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI-TPS76425 Datasheet
235Kb / 15P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76433DBVTG4 TI-TPS76433DBVTG4 Datasheet
418Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS764 TI-TPS764_15 Datasheet
417Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76425 TI1-TPS76425_08 Datasheet
439Kb / 18P
[Old version datasheet]   LOW-POWER LOW-NOISE 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com