Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD237 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BD237
Description  Plastic Medium Power Silicon NPN Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BD237 Datasheet(HTML) 3 Page - Motorola, Inc

  BD237 Datasheet HTML 1Page - Motorola, Inc BD237 Datasheet HTML 2Page - Motorola, Inc BD237 Datasheet HTML 3Page - Motorola, Inc BD237 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BD237
3
Motorola Bipolar Power Transistor Device Data
PACKAGE DIMENSIONS
CASE 77–08
TO–225AA TYPE
ISSUE V
STYLE 1:
PIN 1.
EMITTER
2.
COLLECTOR
3.
BASE
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
–B–
–A–
M
K
F
C
Q
H
V
G
S
D
J
R
U
1
3
2
2 PL
M
A
M
0.25 (0.010)
B M
M
A
M
0.25 (0.010)
B M
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.425
0.435
10.80
11.04
B
0.295
0.305
7.50
7.74
C
0.095
0.105
2.42
2.66
D
0.020
0.026
0.51
0.66
F
0.115
0.130
2.93
3.30
G
0.094 BSC
2.39 BSC
H
0.050
0.095
1.27
2.41
J
0.015
0.025
0.39
0.63
K
0.575
0.655
14.61
16.63
M
5 TYP
5 TYP
Q
0.148
0.158
3.76
4.01
R
0.045
0.055
1.15
1.39
S
0.025
0.035
0.64
0.88
U
0.145
0.155
3.69
3.93
V
0.040
–––
1.02
–––
_
_


Similar Part No. - BD237

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD237 STMICROELECTRONICS-BD237 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
SHENZHEN YONGERJIA INDU...
BD237 WINNERJOIN-BD237 Datasheet
125Kb / 1P
   TRANSISTOR (NPN)
logo
List of Unclassifed Man...
BD237 ETC-BD237 Datasheet
1Mb / 14P
   GERMANIOVE TRANZISTORY
logo
Fairchild Semiconductor
BD237 FAIRCHILD-BD237 Datasheet
38Kb / 4P
   Medium Power Linear and Switching Applications
logo
Unisonic Technologies
BD237 UTC-BD237 Datasheet
113Kb / 3P
   80V, NPN TRANSISTORS
More results

Similar Description - BD237

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BD185 NJSEMI-BD185 Datasheet
89Kb / 1P
   PLASTIC MEDIUM POWER SILICON NPN TRANSISTOR
logo
ON Semiconductor
BD179 ONSEMI-BD179 Datasheet
86Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
July, 2007 - Rev. 12
BD159 ONSEMI-BD159_06 Datasheet
61Kb / 3P
   Plastic Medium Power NPN Silicon Transistor
February, 2006 ??Rev. 4
BD435 ONSEMI-BD435 Datasheet
63Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
June, 2004 ??Rev. 13
logo
Motorola, Inc
BD157 MOTOROLA-BD157 Datasheet
100Kb / 4P
   Plastic Medium Power NPN Silicon Transistor
logo
ON Semiconductor
MJE340G ONSEMI-MJE340G_13 Datasheet
118Kb / 4P
   Plastic Medium-Power NPN Silicon Transistor
December, 2013 ??Rev. 13
logo
Motorola, Inc
BD437 MOTOROLA-BD437 Datasheet
106Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD165 MOTOROLA-BD165 Datasheet
110Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
BD135 MOTOROLA-BD135 Datasheet
100Kb / 4P
   Plastic Medium Power Silicon NPN Transistor
logo
ON Semiconductor
MJE344G ONSEMI-MJE344G Datasheet
101Kb / 3P
   Plastic NPN Silicon Medium-Power Transistor
December, 2013 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com