Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60125PWPG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60125PWPG4
Description  REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60125PWPG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS60125PWPG4 Datasheet HTML 2Page - Texas Instruments TPS60125PWPG4 Datasheet HTML 3Page - Texas Instruments TPS60125PWPG4 Datasheet HTML 4Page - Texas Instruments TPS60125PWPG4 Datasheet HTML 5Page - Texas Instruments TPS60125PWPG4 Datasheet HTML 6Page - Texas Instruments TPS60125PWPG4 Datasheet HTML 7Page - Texas Instruments TPS60125PWPG4 Datasheet HTML 8Page - Texas Instruments TPS60125PWPG4 Datasheet HTML 9Page - Texas Instruments TPS60125PWPG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
low-battery detector (TPS60120, TPS60122, TPS60124)
The internal low-battery comparator trips at 1.21 V
±5% when the voltage on LBI ramps down. The battery
voltage at which the comparator initiates a low battery warning at the LBO output can easily be programmed
with a resistive divider as shown in Figure 1. The sum of resistors R1 and R2 is recommended to be in the 100-k
to 1-M
Ω range.
LBO is an open drain output. An external pullup resistor to OUT, in the 100-k
Ω to 1-MΩ range, is recommended.
During start-up, the LBO output signal is invalid for the first 500
µs. LBO is high impedance when the device
is disabled.
If the low-battery comparator function is not used, connect LBI to ground and leave LBO unconnected.
V
(TRIP) + 1.21 V
1
) R1
R2
_
+
+
VREF
VBAT
IN
R1
LBI
R2
LBO
R3
VO
Figure 1. Programming of the Low-Battery Comparator Trip Voltage
Formulas to calculate the resistive divider for low battery detection, with VLBI = 1.15 V – 1.27 V:
R2
+ 1MW
V
LBI
V
Bat
R1
+ 1MW * R2
Formulas to calculate the minimum and maximum battery voltage that triggers the low battery detector:
V
Bat(min) +
V
LBI(min)
R1
(min) )
R2
(max)
R2
(max)
V
Bat(max) +
V
LBI(max)
R1
(max) )
R2
(min)
R2
(min)
Table 1. Recommended Values for the Resistive Divider From the E96 Series (
±1%),
VLBI = 1.15 V – 1.27 V
VBAT/V
R1/k
R2/k
VBAT (MIN)/V
VBAT(MAX)/V
1.8
357
732
1.700
–5.66%
1.902
5.67%
1.9
365
634
1.799
–5.32%
2.016
6.11%
2.0
412
634
1.883
–5.86%
2.112
5.6%
2.1
432
590
1.975
–5.95%
2.219
5.67%
2.2
442
536
2.080
–5.45%
2.338
6.27%
Using
±1% accurate resistors, the total accuracy of the trip voltage is about ±6%, considering the ±4% accuracy
the integrated voltage reference adds and considering that not every calculated resistor value is available.


Similar Part No. - TPS60125PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60125PWPG4 TI-TPS60125PWPG4 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - TPS60125PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com