Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMS320C6211JA120 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320C6211JA120
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6211JA120 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320C6211JA120 Datasheet HTML 7Page - Texas Instruments TMS320C6211JA120 Datasheet HTML 8Page - Texas Instruments TMS320C6211JA120 Datasheet HTML 9Page - Texas Instruments TMS320C6211JA120 Datasheet HTML 10Page - Texas Instruments TMS320C6211JA120 Datasheet HTML 11Page - Texas Instruments TMS320C6211JA120 Datasheet HTML 12Page - Texas Instruments TMS320C6211JA120 Datasheet HTML 13Page - Texas Instruments TMS320C6211JA120 Datasheet HTML 14Page - Texas Instruments TMS320C6211JA120 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
TMS320C6211, TMS320C6211B
FIXEDPOINT DIGITAL SIGNAL PROCESSORS
SPRS073L − AUGUST 1998 − REVISED JUNE 2005
11
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
memory map summary
Table 2 shows the memory map address ranges of the C6211/C6211B devices. Internal memory is always
located at address 0 and can be used as both program and data memory. The C6211/C6211B configuration
registers for the common peripherals are located at the same hex address ranges. The external memory
address ranges in the C6211/C6211B devices begin at the address location 0x8000 0000.
Table 2. TMS320C6211/C6211B Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
Internal RAM (L2)
64K
0000 0000 – 0000 FFFF
Reserved
24M – 64K
0001 0000 – 017F FFFF
External Memory Interface (EMIF) Registers
256K
0180 0000 – 0183 FFFF
L2 Registers
256K
0184 0000 – 0187 FFFF
HPI Registers
256K
0188 0000 – 018B FFFF
McBSP 0 Registers
256K
018C 0000 – 018F FFFF
McBSP 1 Registers
256K
0190 0000 – 0193 FFFF
Timer 0 Registers
256K
0194 0000 – 0197 FFFF
Timer 1 Registers
256K
0198 0000 – 019B FFFF
Interrupt Selector Registers
256K
019C 0000 – 019F FFFF
EDMA RAM and EDMA Registers
256K
01A0 0000 – 01A3 FFFF
Reserved
6M – 256K
01A4 0000 – 01FF FFFF
QDMA Registers
52
0200 0000 – 0200 0033
Reserved
736M – 52
0200 0034 – 2FFF FFFF
McBSP 0/1 Data
256M
3000 0000 – 3FFF FFFF
Reserved
1G
4000 0000 – 7FFF FFFF
EMIF CE0†
256M
8000 0000 – 8FFF FFFF
EMIF CE1†
256M
9000 0000 – 9FFF FFFF
EMIF CE2†
256M
A000 0000 – AFFF FFFF
EMIF CE3†
256M
B000 0000 – BFFF FFFF
Reserved
1G
C000 0000 – FFFF FFFF
† The number of EMIF address pins (EA[21:2]) limits the maximum addressable memory (SDRAM) to 128MB per CE space. To get 256MB of
addressable memory, additional general-purpose output pin or external logic is required.


Similar Part No. - TMS320C6211JA120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6211 TI-TMS320C6211 Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6211 TI-TMS320C6211 Datasheet
1Mb / 87P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PORCESSORS
TMS320C6211 TI1-TMS320C6211 Datasheet
1Mb / 89P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 87P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PORCESSORS
More results

Similar Description - TMS320C6211JA120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com