Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS60123PWPRG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS60123PWPRG4
Description  REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60123PWPRG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60123PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS60123PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS60123PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS60123PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS60123PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS60123PWPRG4 Datasheet HTML 9Page - Texas Instruments TPS60123PWPRG4 Datasheet HTML 10Page - Texas Instruments TPS60123PWPRG4 Datasheet HTML 11Page - Texas Instruments TPS60123PWPRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
TPS60120, TPS60121, TPS60122, TPS60123, TPS60124, TPS60125
REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP
DC/DC CONVERTERS
SLVS257B – NOVEMBER 1999 – REVISED AUGUST 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DISSIPATION RATING TABLE 1 FREE-AIR TEMPERATURE (see Figure 3)
PACKAGE
TA ≤ 25_C
POWER RATING
DERATING FACTOR
ABOVE TA = 25_C
TA = 70_C
POWER RATING
TA = 85_C
POWER RATING
PWP
700 mW
5.6 mW/
_C
448 mW
364 mW
DISSIPATION RATING TABLE 2 FREE-AIR TEMPERATURE (see Figure 4)
PACKAGE
TC ≤ 62.5_C
POWER RATING
DERATING FACTOR
ABOVE TC = 62.5_C
TC = 70_C
POWER RATING
TC = 85_C
POWER RATING
PWP
25 mW
285.7 mW/
_C
22.9 mW
18.5 mW
Figure 3
800
600
400
0
25
50
75
100
1000
1200
DISSIPATION DERATING CURVE
vs
FREE-AIR TEMPERATURE
1400
125
150
200
TA – Free-Air Temperature – °C
PWP Package
R
θJA = 178°C/W
Figure 4
15
10
5
0
25
50
75
100
20
25
MAXIMUM CONTINUOUS DISSIPATION
vs
CASE TEMPERATURE
30
125
150
Measured with the exposed thermal pad
coupled to an infinite heat sink with a
thermally conductive compound (the thermal
conductivity of the compound is 0.815 W/m
°C)
The R
θJC is 3.5°C/W
PWP package
TC – Case Temperature – °C
† Dissipation rating tables and figures are provided for maintenance of junction temperature at or below absolute maximum temperature of 150
°C.
It is recommended not to exceed a junction temperature of 125
°C.
recommended operating conditions
MIN
MAX
UNIT
Input voltage, VI
1.8
3.6
V
Operating junction temperature, TJ
125
°C


Similar Part No. - TPS60123PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60123PWPRG4 TI-TPS60123PWPRG4 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
More results

Similar Description - TPS60123PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60120 TI-TPS60120_15 Datasheet
971Kb / 30P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60120 TI-TPS60120_07 Datasheet
1Mb / 39P
[Old version datasheet]   REGULATED 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
[Old version datasheet]   REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
[Old version datasheet]   REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60100 TI-TPS60100_15 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI1-TPS60100_16 Datasheet
1Mb / 28P
[Old version datasheet]   REGULATED 3.3 V 200-MA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60100 TI-TPS60100 Datasheet
348Kb / 22P
[Old version datasheet]   REGULATED 3.3 V 200-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60200 TI-TPS60200 Datasheet
436Kb / 20P
[Old version datasheet]   REGULATED 3.3 V, 100-mA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
TPS60204 TI-TPS60204_15 Datasheet
568Kb / 21P
[Old version datasheet]   REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com