Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHB75-48S24 Datasheet(PDF) 4 Page - RSG Electronic Components GmbH

Part # CHB75-48S24
Description  37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE & DUAL OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CHB75-48S24 Datasheet(HTML) 4 Page - RSG Electronic Components GmbH

  CHB75-48S24 Datasheet HTML 1Page - RSG Electronic Components GmbH CHB75-48S24 Datasheet HTML 2Page - RSG Electronic Components GmbH CHB75-48S24 Datasheet HTML 3Page - RSG Electronic Components GmbH CHB75-48S24 Datasheet HTML 4Page - RSG Electronic Components GmbH CHB75-48S24 Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Case Material
Aluminum baseplate with plastic
case
Notes
1.
Measured From High Line to Low
Line
2.
Measured From Full Load to Min.
Load
3.
Measured with Output Current on
Output1 (VO1)
4.
Logic Compatibility ---------- Open
Collector ref to -Input
Module ON ---------- Open Circuit
Module OFF --------- < 0.8Vdc
5.
Suffix "N" to the Model Number
with Negative Logic Remote
ON/OFF
6.
The output noise is measured with
10uf tantalum and
1uf ceramic capacitor across
output.


Similar Part No. - CHB75-48S24

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB75-48S24 CINCON-CHB75-48S24 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results

Similar Description - CHB75-48S24

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB75W RSG-CHB75W Datasheet
1Mb / 1P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75-D RSG-CHB75-D Datasheet
1Mb / 1P
   75 WATT WIDE INPUT DC-DC CONVERTERS DUAL OUTPUT
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
   75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB75 CINCON-CHB75 Datasheet
183Kb / 2P
   49.5 - 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Artesyn Technologies
NFC20 ARTESYN-NFC20 Datasheet
47Kb / 2P
   Single and dual output 20 Watt Wide input DC/DC converters
MHP10 ARTESYN-MHP10 Datasheet
44Kb / 3P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC10 ARTESYN-NFC10 Datasheet
45Kb / 2P
   Single and dual output 10 Watt Wide input DC/DC converters
NFC15 ARTESYN-NFC15 Datasheet
47Kb / 2P
   Single and dual output 15 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
   14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com