Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHB50-48S15 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # CHB50-48S15
Description  25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

CHB50-48S15 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  CHB50-48S15 Datasheet HTML 1Page - RSG Electronic Components GmbH CHB50-48S15 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.40
(61.00)
Ø0.08
(2.03)
2pl.
0.50
(12.70)
0.18 min.
(4.60)
2*R1.50
Mounting Inserts
M3*0.5 Through 4pl.
2.00
(50.80)
1.40
(35.56)
0.60
(15.24)
4
3
2
1
5
6
7
8
9
1.90
(48.25)
2.28
(57.90)
BOTTOM VIEW
Ø0.04
(1.02)
7pl.
9-18 VDC
18-36 VDC
36-75 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
2.5 VDC
3.3 VDC
5 VDC
12 VDC
15 VDC
24 VDC
10A
10A
10A
4.16A
3.33A
2.08A
10A
10A
10A
4.16A
3.33A
2.08A
10A
10A
10A
4.16A
3.33A
2.08A
50 mA
50 mA
50 mA
2740 mA
3525 mA
5145 mA
4950 mA
4950 mA
4950 mA
1353 mA
1740 mA
2540 mA
2450 mA
2450 mA
2419 mA
676 mA
870 mA
1250 mA
1220 mA
1220 mA
1209 mA
HB
HB
HB
76
78
81
84
84
84
77
79
82
85
85
86
77
79
83
85
85
86
CHB50-12S25
CHB50-12S33
CHB50-12S05
CHB50-12S12
CHB50-12S15
CHB50-12S24
CHB50-24S25
CHB50-24S33
CHB50-24S05
CHB50-24S12
CHB50-24S15
CHB50-24S24
CHB50-48S25
CHB50-48S33
CHB50-48S05
CHB50-48S12
CHB50-48S15
CHB50-48S24
Specifications
70
All Specifications Typical At Nominal Line, Full Load and 25˚C Unless Otherwise Noted.
CASE HB
All Dimensions In Inches(mm)
CHB50
CHB50
S
E
R
I
E
S
Features
• 25W/50W Isolated Output
• Regulated Outputs
• Efficiency to 85%
• Continuous Short Circuit Protection
• 300KHz Switching Frequency
• Five-Sided Metal Case
• 2 : 1 Input Range
• Industry Standard Half-Brick Package
MODEL
INPUT
OUTPUT
OUTPUT
INPUT CURRENT
%EFF
CASE
NUMBER
VOLTAGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
69
25 TO 50 WATT WIDE INPUT
DC-DC CONVERTERS
SINGLE OUTPUT
External Output Trim
-SENSE (6)
TRIM UP
TRIM (7)
TRIM DOWN
+SENSE (8)
-SENSE (6)
+SENSE (8)
TRIM (7)
10K ohms
TRIMPOT
PIN CONNECTION
Pin
Function
1.
2.
3.
4.
5.
6.
7.
8.
9.
+Vin
ON/OFF
CASE
-Vin
-Vout
-Sense
Trim
+Sense
+Vout
INPUT SPECIFICATIONS:
Input Voltage Range........................................................ 12V............9-18V
24V............18-36V
48V............ 36-75V
Undervoltage lockout .............................. 12Vin power up ...............8.8V
power down .................8V
24Vin power up ............... 17V
power down ............. 16V
48Vin power up ............... 34V
power down ............. 32.5V
Positive Logic Remote ON/OFF ( see note 3 & 4 )
Input Filter ......................................................................................... PI Type
OUTPUT SPECIFICATIONS:
Voltage Accuracy : ..................................................................... ±1% max.
Transient Response :25% Step Load Change ..........................<500µ sec.
External Trim Adj. Range ......................................................................±10%
Ripple & Noise, 20MHz BW, 2.5V & 3.3V & 5V .............. 20mV RMS., max.
75mV pk-pk, max.
12V & 15V .......................... 30mV RMS., max.
100mV pk-pk, max.
24V .......................... 100mV RMS., max.
240mV pk-pk, max.
Temperature Coefficient............................................................ ±0.03%/˚C
Short Circuit Protection..............................................................Continuous
Line Regulation
1 ..........................................................................±0.2% max.
Load Regulation
2
.......................................................................±0.2% max.
Over Voltage Protect trip Range, % Vo nom.............................115-140%
Current Limit .................................................110% ~150% Nominal Output
GENERAL SPECIFICATIONS:
Efficiency....................................................................................See Table
Isolation Voltage ...........................Input/Output............ 1500VDC min.
Input/Case................ 1500VDC min.
Output/Case............ 1500VDC min.
Isolation Resistance ............................................................ 10
7 ohm min.
Switching Frequency ..................(12/24)Vin....................... 400KHz, Typ.
48Vin............................... 300KHz, Typ.
Operating Case Temperature ....................................... -40˚C to 100˚C
Storage Temperature .................................................. -55˚C to +105˚C
Thermal Shutdown, Case Temp. ...........................................100˚C Typ.
Dimensions ............................................................2.28x2.40x0.50 inches
(57.9x61.0x12.7 mm)
Case Material ..........................................................................Aluminum
NOTE:
1. Measured From High Line to Low Line.
2. Measured From Full Load to Zero Load.
3. Logic Compatibility .... Open Collector ref to -Input.
Module ON ....................Open Circuit
Module OFF................... <0.8Vdc
4. Suffix "N" to the Model Number with Negative Logic Remote
ON/OFF.
HIGH SIGNAL HERE
DISABLE OUTPUT
ON/OFF (2)
-VIN (4)
Pin
Tolerances
Inches
.XX±.02
.XXX±.01
±0.02
Millimeters
.X±.5
.XX±.25
±0.5
NOTE : 1. Nominal Input Voltage 12, 24 & 48 VDC
Remote ON/OFF Control
Only for Nominal Input Voltage 24 & 48 VDC
RSG
ELECTRONIC COMPONENTS
RSG Electronic Components GmbH Sprendlinger Landstr. 115 D-63069 Offenbach/Germany
Tel. +49 69 984047-0 Fax +49 69 984047-77 info@rsg-electronic.de
www.rsg-electronic.de
Änderungen vorbehalten / subject to change without notice


Similar Part No. - CHB50-48S15

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CHB50-48S15 CINCON-CHB50-48S15 Datasheet
207Kb / 2P
   33 - 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results

Similar Description - CHB50-48S15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CHB50W RSG-CHB50W Datasheet
1Mb / 1P
   25 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
EC2SC-24S18 RSG-EC2SC-24S18 Datasheet
1Mb / 1P
   14.4 TO 25 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB100 RSG-CHB100 Datasheet
46Kb / 1P
   50 TO 100 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
CINCON ELECTRONICS Corp...
CHB50W CINCON-CHB50W Datasheet
211Kb / 2P
   33 TO 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB50 CINCON-CHB50 Datasheet
207Kb / 2P
   33 - 50 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
Artesyn Technologies
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
   Triple output 25 Watt Wide input DC-DC converters
logo
RSG Electronic Componen...
CFB200 RSG-CFB200 Datasheet
1Mb / 1P
   200 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
RSG Electronic Componen...
CHB150 RSG-CHB150 Datasheet
75Kb / 2P
   75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
CHB75W RSG-CHB75W Datasheet
1Mb / 1P
   37.5 TO 75 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com